Electronic Components Datasheet Search
  English  ▼

X  

PCA9665D Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 30Page - NXP Semiconductors PCA9665D Datasheet HTML 31Page - NXP Semiconductors PCA9665D Datasheet HTML 32Page - NXP Semiconductors PCA9665D Datasheet HTML 33Page - NXP Semiconductors PCA9665D Datasheet HTML 34Page - NXP Semiconductors PCA9665D Datasheet HTML 35Page - NXP Semiconductors PCA9665D Datasheet HTML 36Page - NXP Semiconductors PCA9665D Datasheet HTML 37Page - NXP Semiconductors PCA9665D Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 35.
Master Transmitter Buffered mode (MODE = 1)
Status
code
(I2CSTA)
Status of the
I2C-bus and the
PCA9665
Application software response
Next action taken by the PCA9665
To/from I2CDAT
To I2CCOUNT
To I2CCON
LB
BC[6:0]
STA STO SI
AA
MODE
08h
A START condition
has been
transmitted
Load SLA+W and
the data bytes
X
Total number of bytes
to be transmitted
(= SLA+W + number
of data bytes)
X
X
0
X
1
SLA+W will be transmitted. If ACK bit received,
data bytes will be transmitted until all of them
have been sent and an ACK has been received
for each of them or until a NACK bit is received.
10h
A repeated START
condition has been
transmitted
Load SLA+W and
the data bytes or
X
Total number of bytes
to be transmitted
(= SLA+W + number
of data bytes)
X
X
0
X
1
SLA+W will be transmitted. If ACK bit received,
data bytes will be transmitted until all of them
have been sent and an ACK has been received
for each of them or until a NACK bit is received.
Load SLA+R
X
Total number of bytes
to be received
X
X
0
X
1
SLA+R will be transmitted.
PCA9665 will be switched to Master Receiver
Buffered mode.
18h
SLA+W has been
transmitted; ACK
has been received
Load the data
bytes or
X
Total number of data
bytes to be
transmitted
0
0
0
X
1
Up to BC[6:0] data bytes will be transmitted (until
all of them have been sent and an ACK has
been received for each of them or until a NACK
bit is received).
no I2CDAT action
or
X
X
1
0
0
X
1
Repeated START will be transmitted.
no I2CDAT action
or
X
X
0
1
0
X
1
STOP condition will be transmitted.
STO flag will be reset.
no I2CDAT action X
X
1
1
0
X
1
STOP condition followed by a START condition
will be transmitted.
STO flag will be reset.
20h
SLA+W has been
transmitted; NACK
has been received
Load the data
bytes or
0
Total number of data
bytes to be
transmitted
0
0
0
X
1
Up to BC[6:0] data bytes will be transmitted (until
all of them have been sent and an ACK has
been received for each of them or until a NACK
bit is received).
no I2CDAT action
or
1
X
1
0
0
X
1
Repeated START will be transmitted.
no I2CDAT action
or
0
X
0
1
0
X
1
STOP condition will be transmitted;.
STO flag will be reset.
no I2CDAT action 1
X
1
1
0
X
1
STOP condition followed by a START condition
will be transmitted.
STO flag will be reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com