| Electronic Components Datasheet Search |
|
PCA9665D Datasheet(PDF) 52 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9665D Datasheet(HTML) 52 Page - NXP Semiconductors |
|
52 / 91 page ![]() PCA9665_2 © NXP B.V. 2006. All rights reserved. Product data sheet Rev. 02 — 7 December 2006 52 of 91 NXP Semiconductors PCA9665 Fm+ parallel bus to I2C-bus controller In Buffered Receiver mode, when an interrupt is generated and SI is set to 1 (after a STOP command or a buffer full condition), the buffer pointer is reset and points at the first received data byte. Reading the I2CCOUNT register then indicates the number of bytes that have been sent or received (BC[6:0]). Reading of the data from I2CDAT buffer can then be initiated starting with the first received byte. Table 42. I2CCOUNT register value based on the performed operation Operation performed I2CCOUNT register value Master Transmitter Buffered mode After START condition don’t care After Slave Address Sent + ACK bit received and interrupt received 1 After Slave Address Sent + NACK bit received 1 After Slave Address Sent + ‘n’ data bytes sent, ACK bit received, both address and ‘n’ data n+1 After Slave Address Sent + ‘n’ data bytes sent, last byte n + 1 After STOP don’t care After losing arbitration in Slave Address + W and addressed as slave 0 After losing arbitration in slave address + W and not addressed as slave 0 After losing arbitration in data at nth byte n (if there was no interrupt after slave address was sent) n − 1 (if there was an interrupt after slave address was sent) Master Receiver Buffered mode After START condition don't care After Slave Address Sent + ACK bit received don't care (because no interrupt received here) After Slave Address Sent + NACK bit received 1 After Slave Address Sent + ‘n’ data bytes received, ACK bit received for address and ACK bit returned for ‘n’ data bytes n After Slave Address Sent + ‘n’ data bytes received, NACK bit returned for the last byte n After STOP don't care After losing arbitration in Slave Address + R bit and addressed as slave 0 After losing arbitration in slave address + R and not addressed as slave 0 After losing arbitration in ACK of nth byte n Slave Receiver Buffered mode (regular slave mode and General Call response After Slave Address + W and ACK bit returned for slave address (both in regular mode and when PCA9665 loses arbitration and is addressed as slave) 0 After receiving ‘n’ bytes, ACK bit returned for the ‘n’ bytes n After receiving ‘n’ bytes, NACK bit returned for the last byte n Slave Transmitter Buffered mode After Slave Address + R and ACK bit returned for slave address (both in regular mode and when PCA9665 loses arbitration and is addressed as slave) 0 After ‘n’ data bytes transmitted and ACK bit received for ‘n’ bytes n After ‘n’ data bytes transmitted and NACK bit received for the last byte n |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |