Electronic Components Datasheet Search
  English  ▼

X  

PCA9665D Datasheet(PDF) 88 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 83Page - NXP Semiconductors PCA9665D Datasheet HTML 84Page - NXP Semiconductors PCA9665D Datasheet HTML 85Page - NXP Semiconductors PCA9665D Datasheet HTML 86Page - NXP Semiconductors PCA9665D Datasheet HTML 87Page - NXP Semiconductors PCA9665D Datasheet HTML 88Page - NXP Semiconductors PCA9665D Datasheet HTML 89Page - NXP Semiconductors PCA9665D Datasheet HTML 90Page - NXP Semiconductors PCA9665D Datasheet HTML 91Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 88 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
88 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
Modifications:
(continued)
• Table 49, sub-section “Bus timing”:
– changed Min value for th(A) from 7 ns to 13 ns
– changed Min value for tw(RDL) from 7 ns to 20 ns
– changed Min value for tw(WRL) from 7 ns to 20 ns
– changed Min value for tsu(Q) from 7 ns to 12 ns
– changed Min value for tw(RDH) from 12 ns to 18 ns
– changed Min value for tw(WRH) from 12 ns to 18 ns
• Table 50 “Dynamic characteristics (2.5 volt)[1][2][3]”:
– added sub-sections “Initialization timing” and “Serial interface initialization timing”
– sub-section “INT timing”: changed tas(int) from (Typ) “<tbd>” to (Max) “550 ns”
– sub-section “INT timing”: changed tdas(int) from (Typ) “<tbd>” to (Max) “20 ns”
• Table 50, sub-section “Bus timing”:
– changed Min value for th(A) from 9 ns to 13 ns
– changed Min value for tw(RDL) from 9 ns to 20 ns
– changed Min value for tw(WRL) from 9 ns to 20 ns
– changed Min value for tsu(Q) from 8 ns to 12 ns
– changed Min value for tw(RDH) from 12 ns to 18 ns
– changed Min value for tw(WRH) from 12 ns to 18 ns
• Figure 36 “Reset timing” modified
• Figure 38 “Bus timing (read cycle)” modified
• Added (new) Figure 39 “Parallel bus timing (write cycle)”
• Table 51 “I2C-bus frequency and timing specifications”:
– tVD;ACK (Min) changed: (Standard-mode) from 0.3 µs to 0.05 µs; (Fast-mode) from 0.1 µs to
0.05
µs
– tVD;DAT (Min) changed: (Fast-mode Plus) from “<tbd>” to “50 ns”
– tSP (Max) changed: (Fast-mode Plus) from “<tbd>” to “50 ns”
• Added (new) Figure 42 “I2C-bus timing diagram”
• Figure 43 “Test circuitry for switching times” modified (at switch, “6.0 V” changed to “VDD × 2”
• Table 52: modified test td(DV) changed S1 value from “6 V” to “VDD × 2”
• Added (new) Figure 44 “Test circuitry for open-drain switching times” and Table 53.
PCA9665_1
20060807
Objective data sheet
-
-
Table 58.
Revision history …continued
Document ID
Release date
Data sheet status
Change notice
Supersedes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com