Electronic Components Datasheet Search
  English  ▼

X  

PCA9665D Datasheet(PDF) 68 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 64Page - NXP Semiconductors PCA9665D Datasheet HTML 65Page - NXP Semiconductors PCA9665D Datasheet HTML 66Page - NXP Semiconductors PCA9665D Datasheet HTML 67Page - NXP Semiconductors PCA9665D Datasheet HTML 68Page - NXP Semiconductors PCA9665D Datasheet HTML 69Page - NXP Semiconductors PCA9665D Datasheet HTML 70Page - NXP Semiconductors PCA9665D Datasheet HTML 71Page - NXP Semiconductors PCA9665D Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
68 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
10.3 Add additional I2C-bus ports
The PCA9665 can be used to convert 8-bit parallel data into additional multiple master
capable I2C-bus port as shown in Figure 34. It is used if the microcontroller,
microprocessor, custom ASIC, DSP, etc., already have an I2C-bus port but need one or
more additional I2C-bus ports to interface with more I2C-bus or SMBus components or
components that cannot be located on the same bus (e.g., 100 kHz and 400 kHz slaves
on different buses so that each bus can operate at its maximum potential).
10.4 Convert 8 bits of parallel data into I2C-bus serial data stream
Functioning as a slave transmitter, the PCA9665 can convert 8-bit parallel data into a
two-wire I2C-bus data stream as is shown in Figure 35. This would prevent having to run
8 traces across the entire width of the printed-circuit board.
Fig 33. Adding I2C-bus port application
MICROCONTROLLER,
MICROPROCESSOR,
OR ASIC
control signals
8 bits data
PCA9665
SDA
SCL
002aab036
Fig 34. Adding additional I2C-bus ports application
MICROCONTROLLER,
MICROPROCESSOR,
OR ASIC
control signals
8 bits data
PCA9665
SDA
SCL
002aab037
SDA
SCL
Fig 35. Converting parallel to serial data application
control signals
8 bits data
PCA9665
SDA
SCL
002aab039
MASTER
MICROCONTROLLER,
MICROPROCESSOR,
OR ASIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com