Electronic Components Datasheet Search
  English  ▼

X  

PCA9665D Datasheet(PDF) 60 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 56Page - NXP Semiconductors PCA9665D Datasheet HTML 57Page - NXP Semiconductors PCA9665D Datasheet HTML 58Page - NXP Semiconductors PCA9665D Datasheet HTML 59Page - NXP Semiconductors PCA9665D Datasheet HTML 60Page - NXP Semiconductors PCA9665D Datasheet HTML 61Page - NXP Semiconductors PCA9665D Datasheet HTML 62Page - NXP Semiconductors PCA9665D Datasheet HTML 63Page - NXP Semiconductors PCA9665D Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
60 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
8.9.5 Bus error
A bus error occurs when a START or STOP condition is present at an illegal position in the
format frame. Examples of illegal positions are during the serial transfer of an address
byte, a data or an acknowledge bit.
The PCA9665 only reacts to a bus error when it is involved in a serial transfer either as a
master or an addressed slave. When a bus error is detected, PCA9665 releases the SDA
and SCL lines, sets the interrupt flag, and loads the status register with 00h. This status
code may be used to vector to a service routine which either attempts the aborted serial
transfer again or simply recovers from the error condition as shown in Table 46
“Miscellaneous states”. The microcontroller must send an external hardware or software
reset signal to reset the PCA9665.
8.10 Power-on reset
When power is applied to VDD, an internal Power-On Reset holds the PCA9665 in a reset
condition until VDD has reached VPOR. At this point, the reset condition is released and the
PCA9665 goes to the power-up initialization phase where the following operations are
performed:
1. ENSIO bit is set to 1 to enable the internal oscillator.
2. Internal register initialization is performed.
3. ENSIO bit is set to 0 to disable the internal oscillator and go to the non-addressed low
power mode.
The complete power-up initialization phase takes 550
µs to be performed. During this
time, write to the PCA9665 through the parallel port is not permitted. However, the parallel
port can be read. This allows the device connected to the parallel port of the PCA9665 to
poll the I2CCON register and read the ENSIO state bit. When ENSIO bit is equal to 1, this
means that the power-up initialization is in progress. When ENSIO is set to 0, this means
that the power-up initialization is done and that the PCA9665 is initialized and ready to be
used.
Fig 17. Recovering from a bus obstruction caused by a LOW level on SDA
12
3
4
5
6
7
8
9
002aab030
STOP
condition
START
condition
STA flag
SDA line
SCL line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com