Electronic Components Datasheet Search
  English  ▼

X  

PCA9665D Datasheet(PDF) 61 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 57Page - NXP Semiconductors PCA9665D Datasheet HTML 58Page - NXP Semiconductors PCA9665D Datasheet HTML 59Page - NXP Semiconductors PCA9665D Datasheet HTML 60Page - NXP Semiconductors PCA9665D Datasheet HTML 61Page - NXP Semiconductors PCA9665D Datasheet HTML 62Page - NXP Semiconductors PCA9665D Datasheet HTML 63Page - NXP Semiconductors PCA9665D Datasheet HTML 64Page - NXP Semiconductors PCA9665D Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
61 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
8.11 Reset
Reset of the PCA9665 to its default state can be performed in 2 different ways:
• By holding the RESET pin LOW for a minimum of tw(rst).
• By using the Parallel Software Reset sequence as described in Figure 18.
8.12 I2C-bus timing diagrams, Unbuffered mode
The diagrams (Figure 19 through Figure 22) illustrate typical timing diagrams for the
PCA9665 in master/slave functions.
Fig 18. Parallel Software Reset sequence
002aab966
A[1:0]
00
10
access to INDPTR
Indirect Register pointer
access to the INDIRECT
Indirect Data field
D[7:0]
05h
I2CPRESET register selected
A5h
SWRST data byte 1
5Ah
SWRST data byte 2
WR
If D[7:0]
≠ A5h,
following byte is ignored
and reset is aborted.
If D[7:0]
≠ 5Ah, reset is aborted.
If SWRST Data 1 = A5h and
SWRST Data 2 = 5Ah, PCA9665
is reset to its default state.
internal
reset
signal
Master PCA9665 writes data to slave transmitter.
Fig 19. Bus timing diagram; Unbuffered Master Transmitter mode
n byte
ACK
SCL
SDA
INT
START
condition
7-bit address
R/W = 0
interrupt
from slave receiver
first byte
ACK
ACK
interrupt
STOP
condition
002aab031
interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com