Electronic Components Datasheet Search
  English  ▼

X  

PCA9665D Datasheet(PDF) 73 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 69Page - NXP Semiconductors PCA9665D Datasheet HTML 70Page - NXP Semiconductors PCA9665D Datasheet HTML 71Page - NXP Semiconductors PCA9665D Datasheet HTML 72Page - NXP Semiconductors PCA9665D Datasheet HTML 73Page - NXP Semiconductors PCA9665D Datasheet HTML 74Page - NXP Semiconductors PCA9665D Datasheet HTML 75Page - NXP Semiconductors PCA9665D Datasheet HTML 76Page - NXP Semiconductors PCA9665D Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
73 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
Fig 36. Reset timing
SDA
SCL
002aab272
trst
50 %
30 %
50 %
50 %
30 %
trec(rst)
tw(rst)
RESET
Dn
Dn off
START
trst
ACK or read cycle
30 %
Dn on
30 %
Fig 37. Interrupt timing
67
89
002aac227
D7 to D0
WR
SCL
INT
tas(int)
write to I2CCON
12
3
tdas(int)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com