Electronic Components Datasheet Search
  English  ▼

X  

PCA9665D Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 32Page - NXP Semiconductors PCA9665D Datasheet HTML 33Page - NXP Semiconductors PCA9665D Datasheet HTML 34Page - NXP Semiconductors PCA9665D Datasheet HTML 35Page - NXP Semiconductors PCA9665D Datasheet HTML 36Page - NXP Semiconductors PCA9665D Datasheet HTML 37Page - NXP Semiconductors PCA9665D Datasheet HTML 38Page - NXP Semiconductors PCA9665D Datasheet HTML 39Page - NXP Semiconductors PCA9665D Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
36 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
8.4.2 Master Receiver Buffered mode
In the Master Receiver Buffered mode, a number of data bytes are received from a slave
transmitter several bytes at a time (see Figure 12). The transfer is initialized as in the
Master Transmitter Byte mode.
The Master Receiver Buffered mode may now be entered by setting the STA bit. The
I2C-bus state machine will first test the I2C-bus and generate a START condition as soon
as the bus becomes free. When a START condition is transmitted, the Serial Interrupt flag
(SI) is set, the Interrupt line (INT) goes LOW and the status code in the status register
(I2CSTA) will be 08h. This status code must be used to vector to an interrupt service
routine that loads I2CDAT with the slave address and the data direction bit (SLA+R). The
byte count register (I2CCOUNT) needs to be programmed with the number of bytes that
need to be received in a single sequence (BC[6:0]). LB bit is programmed with logic 0 if
the last received byte needs to be acknowledged (read operation still ongoing) or with
logic 1 if the last received byte needs to be not acknowledged (read operation ends so the
PCA9665 can issue a STOP or Re-START condition). A write to I2CCON resets the SI bit,
clears the Interrupt (INT goes HIGH) and allows the serial transfer to continue.
When the slave address and the data direction bit have been transmitted and all the data
bytes have been received, the Serial Interrupt flag (SI) is set again, the Interrupt line (INT)
goes LOW again and I2CSTA is loaded with the following possible codes:
• 48h if a no acknowledgment bit (NACK) has been received for the slave address with
direction bit
• 50h when all the bytes have been received and an acknowledgement bit (ACK) has
been returned for all the bytes
• 58h when all the bytes have been received and an acknowledgement bit (ACK) has
been returned for all the bytes except the last one
• 38h if the PCA9665 lost the arbitration
• B0h if the PCA9665 lost the arbitration and is addressed as a slave transmitter (slave
mode enabled with AA = 1)
• 68h if the PCA9665 lost the arbitration and is addressed as a slave receiver (slave
mode enabled with AA = 1)
• D8h if the PCA9665 lost the arbitration and is addressed as a slave receiver during a
General Call sequence (slave mode enabled with AA = 1 and General Call address
enabled with GC = 1 in I2CADR register).
The appropriate action to be taken for each of these status codes is detailed in Table 36.
ENSIO is not affected by the serial transfer and is not referred to in Table 36.
After a repeated START condition (state 10h), the PCA9665 may switch to the Master
Transmitter mode by loading I2CDAT with SLA+W.
Remark: A master should not transmit its own slave address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com