Electronic Components Datasheet Search
  English  ▼

X  

PCA9665D Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 36Page - NXP Semiconductors PCA9665D Datasheet HTML 37Page - NXP Semiconductors PCA9665D Datasheet HTML 38Page - NXP Semiconductors PCA9665D Datasheet HTML 39Page - NXP Semiconductors PCA9665D Datasheet HTML 40Page - NXP Semiconductors PCA9665D Datasheet HTML 41Page - NXP Semiconductors PCA9665D Datasheet HTML 42Page - NXP Semiconductors PCA9665D Datasheet HTML 43Page - NXP Semiconductors PCA9665D Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
40 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
8.4.3 Slave Receiver Buffered mode
In the Slave Receiver Buffered mode, a number of data bytes are received from a master
transmitter several bytes at a time (see Figure 13). To initiate the Slave Receiver Byte
mode, I2CADR and I2CCON must be loaded as shown in Table 37 and Table 38.
The upper 7 bits are the I2C-bus address to which PCA9665 will respond when addressed
by a master. GC is the control bit that allows the PCA9665 to respond or not to the
General Call address (00h).
When programmed to logic 1, the PCA9665 will acknowledge the General Call address.
When programmed to logic 0, the PCA9665 will not acknowledge the General Call
address.
ENSIO must be set to logic 1 to enable the I2C-bus interface. The AA bit must be set to
enable the PCA9665 to acknowledge its own slave address; STA, STO, and SI must be
reset.
When I2CADR and I2CCON have been initialized, the PCA9665 waits until it is addressed
by its own slave address followed by the data direction bit which must be ‘0’ (W) to operate
in the Slave Receiver mode. After its own slave address and the W bit have been
received, the Serial Interrupt flag (SI) is set, the Interrupt line (INT) goes LOW and I2CSTA
is loaded with 60h. This status code is used to vector to an interrupt service routine, and
the appropriate action to be taken is detailed in Table 40.
The Slave Receiver Buffered mode may also be entered when:
• The arbitration is lost while the PCA9665 is in the master mode. See status 68h and
D8h.
• The General Call Address (00h) has been received (General Call address enabled
with GC = 1). See status D0h.
Appropriate actions to be taken from these status codes are also detailed in Table 40.
The byte count register (I2CCOUNT) is programmed with the number of bytes that need
to be sent in a single sequence (BC[6:0]) as shown in Table 39.
Table 37.
I2CADR initialization
Bit
7
6
5
4
3
2
1
0
Symbol
AD7
AD6
AD5
AD4
AD3
AD2
AD1
GC
Value
own slave address
X
Table 38.
I2CCON initialization
Bit
7
6
5
4
3
2
1
0
Symbol
AA
ENSIO
STA
STO
SI
-
-
MODE
Value
11000
X
X
1
Table 39.
I2CCOUNT programming
Bit
7
6
5
4
3
2
1
0
Symbol
LB
BC6
BC5
BC4
BC3
BC2
BC1
BC0
Value
X
number of bytes received in a single sequence (1 byte to 68 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com