| Electronic Components Datasheet Search |
|
PCA9665D Datasheet(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9665D Datasheet(HTML) 44 Page - NXP Semiconductors |
|
44 / 91 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx E8h Previously addressed with General Call; BC[6:0] data bytes have been received; ACK has been returned for all the bytes, except for the last one where NACK bit has been returned Read data bytes or X X 0 X 0 0 1 Switched to not addressed slave mode; No recognition of own slave address; General Call address will be recognized if GC = 1 Read data bytes or X X 0 X 0 1 1 Switched to not addressed slave mode; Own slave address will be recognized; General Call address will be recognized if GC = 1 Read data bytes or X X 1 X 0 0 1 Switched to not addressed slave mode; No recognition of own slave address; General Call address will be recognized if GC = 1; A START condition will be transmitted when the bus becomes free. Read data bytes X X 1 X 0 1 1 Switched to not addressed slave mode; Own slave address will be recognized; General Call address will be recognized if GC = 1; A START condition will be transmitted when the bus becomes free. A0h A STOP condition or repeated START condition has been received while still addressed as slave receiver No I2CDAT action or X X 0 X 0 0 1 Switched to not addressed slave mode; No recognition of own slave address; General Call address will be recognized if GC = 1 No I2CDAT action or X X 0 X 0 1 1 Switched to not addressed slave mode; Own slave address will be recognized; General Call address will be recognized if GC = 1 No I2CDAT action or X X 1 X 0 0 1 Switched to not addressed slave mode; No recognition of own slave address; General Call address will be recognized if GC = 1; A START condition will be transmitted when the bus becomes free. No I2CDAT action X X 1 X 0 1 1 Switched to not addressed slave mode; Own slave address will be recognized; General Call address will be recognized if GC = 1; A START condition will be transmitted when the bus becomes free. Table 40. Slave Receiver Buffered mode (MODE = 1) …continued Status code (I2CSTA) Status of the I2C-bus and the PCA9665 Application software response Next action taken by the PCA9665 To/from I2CDAT To/from I2CCOUNT To I2CCON LB BC[6:0] STA STO SI AA MODE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |