Electronic Components Datasheet Search
  English  ▼

X  

PCA9665D Datasheet(PDF) 59 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 55Page - NXP Semiconductors PCA9665D Datasheet HTML 56Page - NXP Semiconductors PCA9665D Datasheet HTML 57Page - NXP Semiconductors PCA9665D Datasheet HTML 58Page - NXP Semiconductors PCA9665D Datasheet HTML 59Page - NXP Semiconductors PCA9665D Datasheet HTML 60Page - NXP Semiconductors PCA9665D Datasheet HTML 61Page - NXP Semiconductors PCA9665D Datasheet HTML 62Page - NXP Semiconductors PCA9665D Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
59 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
8.9.4 I2C-bus obstructed by a LOW level on SCL or SDA
An I2C-bus hang-up occurs if SDA or SCL is pulled LOW by an uncontrolled source. If the
SCL line is obstructed (pulled LOW) by a device on the bus, no further serial transfer is
possible, and the PCA9665 cannot resolve this type of problem. When this occurs, the
problem must be resolved by the device that is pulling the SCL bus line LOW.
When the SCL line stays LOW for a period equal to the time-out value, the PCA9665
concludes that this is a bus error and behaves in a manner described in Section 7.3.2.4
“The Time-out register, I2CTO (indirect address 04h)”.
If the SDA line is obstructed by another device on the bus (e.g., a slave device out of bit
synchronization), the problem can be solved by transmitting additional clock pulses on the
SCL line (see Figure 17). The PCA9665 sends out nine clock pulses followed by the
STOP condition. If the SDA line is released by the slave pulling it LOW, a normal START
condition is transmitted by the PCA9665, state 08h is entered and the serial transfer
continues. If the SDA line is not released by the slave pulling it LOW, then the PCA9665
concludes that there is a bus error, loads 70h in I2CSTA, generates an interrupt signal,
and releases the SCL and SDA lines. After the microcontroller reads the status register, it
needs to send a reset signal (hardware through the RESET pin, or software through the
parallel port) in order to reset the PCA9665. See Section 8.11 “Reset” for more
information.
If a forced bus access occurs or a repeated START condition is transmitted while SDA is
obstructed (pulled LOW), the PCA9665 performs the same action as described above. In
each case, state 08h is entered after a successful START condition is transmitted and
normal serial transfer continues. Note that the CPU is not involved in solving these bus
hang-up problems.
Fig 16. Forced access to a busy I2C-bus
STA flag
SDA line
SCL line
time-out
START condition
002aab029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com