Electronic Components Datasheet Search
  English  ▼

X  

PCA9665D Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 10Page - NXP Semiconductors PCA9665D Datasheet HTML 11Page - NXP Semiconductors PCA9665D Datasheet HTML 12Page - NXP Semiconductors PCA9665D Datasheet HTML 13Page - NXP Semiconductors PCA9665D Datasheet HTML 14Page - NXP Semiconductors PCA9665D Datasheet HTML 15Page - NXP Semiconductors PCA9665D Datasheet HTML 16Page - NXP Semiconductors PCA9665D Datasheet HTML 17Page - NXP Semiconductors PCA9665D Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
14 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
7.3.2.4
The Time-out register, I2CTO (indirect address 04h)
I2CTO is an 8-bit read/write register. It is used to determine the maximum time that SCL is
allowed to be in a LOW logic state before the I2C-bus state machine is reset or the
PCA9665 initiates a forced action on the I2C-bus.
When the I2C-bus interface is operating, I2CTO is loaded in the time-out counter at every
LOW SCL transition.
The Time-out register can be used in the following cases:
• When the bus controller, in the master mode, wants to send a START condition and
the SCL line is held LOW by some other device. Then the bus controller waits a time
period equivalent to the time-out value for the SCL to be released. In case it is not
released, the bus controller concludes that there is a bus error, loads 78h in the
I2CSTA register, generates an interrupt signal and releases the SCL and SDA lines.
After the microcontroller reads the status register, it needs to send a reset in order to
reset the bus controller.
• In the master mode, the time-out feature starts every time the SCL goes LOW. If SCL
stays LOW for a time period equal to or greater than the time-out value, the bus
controller concludes there is a bus error and behaves in the manner described above.
When the I2C-bus interface is operating, I2CTO is loaded in the time-out counter at
every SCL transition. See Section 8.11 “Reset” for more information.
• In case of a forced access to the I2C-bus. (See more details in Section 8.9.3 “Forced
access to the I2C-bus”.)
7.3.2.5
The Parallel Software Reset register, I2CPRESET (indirect address 05h)
I2CPRESET is an 8-bit write-only register. Programming the I2CPRESET register allows
the user to reset the PCA9665 under software control. The software reset is achieved by
writing two consecutive bytes to this register. The first byte must be A5h while the second
byte must be 5Ah. The writes must be consecutive and the values must match A5h and
5Ah. If this sequence is not followed as described, the reset is aborted.
Table 21.
I2CTO - Time-out register (indirect register 04h) bit allocation
7
6
5
4
3
2
1
0
TE
TO6
TO5
TO4
TO3
TO2
TO1
TO0
Table 22.
I2CTO - Time-out register (indirect register 04h) bit description
Bit
Symbol
Description
7
TE
Time-out enable/disable
TE = 1: Time-out function enabled
TE = 0: Time-out function disabled
6:0
TO[6:0]
Time-out value. The time-out period = (I2CTO[6:0] + 1)
× 143.36 µs.
The time-out value may vary some, and is an approximate value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com