Electronic Components Datasheet Search
  English  ▼

X  

PCA9665D Datasheet(PDF) 51 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 47Page - NXP Semiconductors PCA9665D Datasheet HTML 48Page - NXP Semiconductors PCA9665D Datasheet HTML 49Page - NXP Semiconductors PCA9665D Datasheet HTML 50Page - NXP Semiconductors PCA9665D Datasheet HTML 51Page - NXP Semiconductors PCA9665D Datasheet HTML 52Page - NXP Semiconductors PCA9665D Datasheet HTML 53Page - NXP Semiconductors PCA9665D Datasheet HTML 54Page - NXP Semiconductors PCA9665D Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
51 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
– the SCL line is held LOW by the PCA9665 after the 2 bytes have been sent
– the PCA9665 sends an Interrupt, sets SI = 1 and updates I2CSTA register
– I2CSTA reads 28h
5. Program I2CCOUNT = 40h (64 bytes to read and Last byte acknowledged).
6. Load I2CDAT with A1h (I2C-bus slave address and Read command).
7. Program I2CCON with STA = 1, SI = 0, MODE = 1.
– the PCA9665 sends a ReSTART command
– an interrupt is asserted and the I2CSTA register is updated
– the I2CSTA register reads 10h
8. Program I2CCON with STA = STO = SI = 0, MODE = 1.
– address A1h is sent followed by a read of 64 data bytes
– the last data byte is acknowledged
– the SCL line is held LOW by the PCA9665 after the data is read
– the PCA9665 sends an interrupt and updates I2CSTA register
– I2CSTA reads 50h
9. The microcontroller reads the 64 data bytes from the PCA9665.
10. Program I2CCOUNT = C0h (64 bytes and Last byte is not acknowledged).
11. Program I2CCON with STA = STO = SI = 0, MODE = 1.
12. The PCA9665 reads 64 bytes and does not acknowledge the last byte.
– the PCA9665 sends an Interrupt and updates I2CSTA register
– the I2CSTA reads 58h
– the SCL line is held LOW by the PCA9665
– the slave should release the SDA line
13. The microcontroller reads the 64 bytes from the PCA9665.
14. Program I2CCON with SI = STA = 0, ST0 = 1, MODE = X.
– the PCA9665 sends a STOP condition
– no interrupt is generated by the PCA9665
– the I2CSTA register contains F8h
8.6 I2CCOUNT register
When a write to the I2CCOUNT register is requested, the buffer pointer is reset and points
at the first byte. Loading of the data in the I2CDAT buffer then starts at the first byte.
Once an operation has been performed (SI = 1 and an interrupt is generated), the
I2CCOUNT register contains the number of bytes that have been received (Receiver
mode) or the number of bytes that have been sent (Transmitter mode). See Table 42 for
more information.
In Buffered Transmitter mode, the first byte that is sent to the I2C-bus is always the first
byte that has been loaded in the I2CDAT buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com