Electronic Components Datasheet Search
  English  ▼

X  

PCA9665D Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 42Page - NXP Semiconductors PCA9665D Datasheet HTML 43Page - NXP Semiconductors PCA9665D Datasheet HTML 44Page - NXP Semiconductors PCA9665D Datasheet HTML 45Page - NXP Semiconductors PCA9665D Datasheet HTML 46Page - NXP Semiconductors PCA9665D Datasheet HTML 47Page - NXP Semiconductors PCA9665D Datasheet HTML 48Page - NXP Semiconductors PCA9665D Datasheet HTML 49Page - NXP Semiconductors PCA9665D Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 91 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 41.
Slave Transmitter Buffered mode (MODE = 1)
Status
code
(I2CSTA)
Status of the
I2C-bus and the
PCA9665
Application software response
Next action taken by the PCA9665
To/from I2CDAT
To/from I2CCOUNT
To I2CCON
LB
BC[6:0]
STA STO SI
AA
MODE
A8h
Own SLA+R has
been received;
ACK has been
returned
Load data bytes
or
X
Total number of data
bytes to be transmitted
X
X
0
0
1
Up to BC[6:0] bytes will be transmitted.
PCA9665 switches to the not addressed
mode after BC[6:0] bytes have been
transmitted.
Load data bytes
X
Total number of data
bytes to be transmitted
X
X
0
1
1
Up to BC[6:0] bytes will be transmitted.
B0h
Arbitration lost in
SLA+R/W as
master; Own
SLA+R has been
received, ACK has
been returned
Load data bytes
or
X
Total number of data
bytes to be transmitted
X
X
0
0
1
Up to BC[6:0] bytes will be transmitted.
PCA9665 switches to the not addressed
mode after BC[6:0] bytes have been
transmitted
Load data bytes
X
Total number of data
bytes to be transmitted
X
X
0
1
1
Up to BC[6:0] bytes will be transmitted.
B8h
BC[6:0] bytes in
I2CDAT have been
transmitted;
ACK has been
received
Load data bytes
or
X
Total number of data
bytes to be transmitted
X
X
0
0
1
Up to BC[6:0] bytes will be transmitted.
PCA9665 switches to the not addressed
mode after BC[6:0] bytes have been
transmitted
Load data bytes
X
Total number of data
bytes to be transmitted
X
X
0
1
1
Up to BC[6:0] bytes will be transmitted.
C0h
Up to BC[6:0] bytes
in I2CDAT have
been transmitted;
NACK has been
received
No I2CDAT action
or
X
X
0
X
0
0
1
Switched to not addressed slave mode;
No recognition of own slave address;
General Call address recognized if GC = 1
No I2CDAT action
or
X
X
0
X
0
1
1
Switched to slave mode; Own slave address
will be recognized; General Call address
recognized if GC = 1
No I2CDAT action
or
X
X
1
X
0
0
1
Switched to not addressed slave mode;
No recognition of own slave address;
General Call address will be recognized if
GC = 1; A START condition will be
transmitted when the bus becomes free
No I2CDAT action X
X
1
X
0
1
1
Switched to slave mode; Own slave address
will be recognized; General Call address will
be recognized if GC = 1; A START condition
will be transmitted when the bus becomes
free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com