Electronic Components Datasheet Search
  English  ▼

X  

PCA9665D Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 37Page - NXP Semiconductors PCA9665D Datasheet HTML 38Page - NXP Semiconductors PCA9665D Datasheet HTML 39Page - NXP Semiconductors PCA9665D Datasheet HTML 40Page - NXP Semiconductors PCA9665D Datasheet HTML 41Page - NXP Semiconductors PCA9665D Datasheet HTML 42Page - NXP Semiconductors PCA9665D Datasheet HTML 43Page - NXP Semiconductors PCA9665D Datasheet HTML 44Page - NXP Semiconductors PCA9665D Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
41 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
If the LB bit is reset (logic 0), the PCA9665 will return an acknowledge for all the bytes that
will be received. The maximum number of bytes that are received in a single sequence is
defined by BC[6:0] in I2CCOUNT register as shown in Table 39.
If the LB bit is set (logic 1) during a transfer, the PCA9665 will return a not acknowledge
(logic 1) on SDA after receiving the last byte. If the AA bit is reset, the I2C-bus state
machine does not respond to its own slave address. However, the I2C-bus is still
monitored and address recognition may be resumed at any time by setting AA. This
means that the AA bit may be used to temporarily isolate the PCA9665 from the I2C-bus.
(1) See Table 40.
(2) Defined state when the number of bytes received is equal to the value in I2CCOUNT register and LB = 0.
(3) Defined state when the number of bytes received is equal to the value in I2CCOUNT register and LB = 1.
(4) Number of bytes received is lower than I2CCOUNT.
Fig 13. Format and states in the Slave Receiver Buffered mode (MODE = 1)
S
SLA
W
A
DATA
A
P or S
80h
A0h
A
68h
002aab661
reception of
own slave address
and one or more
data bytes;
all are Acknowledged
last data byte received is
Not Acknowledged
arbitration lost as MST and
addressed as slave
DATA
A
80h
P or S
F8h
A
88h
on STOP
P or S
F8h
on STOP
GENERAL
CALL = 00h
A
DATA
A
P or S
E0h
A0h
A
D8h
DATA
A
E0h
P or S
A
E8h
reception of the
General Call address
and one or more
data bytes
last data byte received is
Not Acknowledged
arbitration lost as MST and
addressed as slave by
General Call
S
F8h
on STOP
W
(2)
(2)
(3)
(2)
(2)
(3)
P or S
F8h
on STOP
A
DATA
A
DATA
60h
D0h
n
This number (contained in I2CSTA) corresponds
to a defined state of the I2C-bus.(1)
DATA
A
any number of data bytes and
their associated Acknowledge bits
from master to slave
from slave to master
(4)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com