Electronic Components Datasheet Search
  English  ▼

X  

PCA9665D Datasheet(PDF) 90 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665D Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 83Page - NXP Semiconductors PCA9665D Datasheet HTML 84Page - NXP Semiconductors PCA9665D Datasheet HTML 85Page - NXP Semiconductors PCA9665D Datasheet HTML 86Page - NXP Semiconductors PCA9665D Datasheet HTML 87Page - NXP Semiconductors PCA9665D Datasheet HTML 88Page - NXP Semiconductors PCA9665D Datasheet HTML 89Page - NXP Semiconductors PCA9665D Datasheet HTML 90Page - NXP Semiconductors PCA9665D Datasheet HTML 91Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 90 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
90 of 91
continued >>
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
22. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
4
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
5
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Pinning information . . . . . . . . . . . . . . . . . . . . . . 4
6.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
6.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 5
7
Functional description . . . . . . . . . . . . . . . . . . . 6
7.1
General . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
7.2
Internal oscillator . . . . . . . . . . . . . . . . . . . . . . . 6
7.3
Registers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
7.3.1
Direct registers . . . . . . . . . . . . . . . . . . . . . . . . . 8
7.3.1.1
The Status register, I2CSTA (A1 = 0, A0 = 0) . . 8
7.3.1.2
The Indirect Pointer register, INDPTR (A1 = 0,
A0 = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
7.3.1.3
The I2C-bus Data register, I2CDAT (A1 = 0,
A0 = 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
7.3.1.4
The Control register, I2CCON (A1 = 1, A0 = 1) 9
7.3.1.5
The indirect data field access register,
INDIRECT (A1 = 1, A0 = 0) . . . . . . . . . . . . . . 11
7.3.2
Indirect registers . . . . . . . . . . . . . . . . . . . . . . . 12
7.3.2.1
The Byte Count register, I2CCOUNT (indirect
address 00h). . . . . . . . . . . . . . . . . . . . . . . . . . 12
7.3.2.2
The Own Address register, I2CADR (indirect
address 01h). . . . . . . . . . . . . . . . . . . . . . . . . . 12
7.3.2.3
The Clock Rate registers, I2CSCLL and
I2CSCLH (indirect addresses 02h and 03h) . . 13
7.3.2.4
The Time-out register, I2CTO (indirect
address 04h). . . . . . . . . . . . . . . . . . . . . . . . . . 14
7.3.2.5
The Parallel Software Reset register,
I2CPRESET (indirect address 05h) . . . . . . . . 14
7.3.2.6
The I2C-bus mode register, I2CMODE
(indirect address 06h) . . . . . . . . . . . . . . . . . . . 15
8
PCA9665 modes. . . . . . . . . . . . . . . . . . . . . . . . 16
8.1
Configuration modes. . . . . . . . . . . . . . . . . . . . 16
8.1.1
Byte mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
8.1.2
Buffered mode . . . . . . . . . . . . . . . . . . . . . . . . 16
8.2
Operating modes . . . . . . . . . . . . . . . . . . . . . . 16
8.3
Byte mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
8.3.1
Master Transmitter Byte mode . . . . . . . . . . . . 17
8.3.2
Master Receiver Byte mode . . . . . . . . . . . . . . 22
8.3.3
Slave Receiver Byte mode . . . . . . . . . . . . . . . 25
8.3.4
Slave Transmitter Byte mode . . . . . . . . . . . . . 29
8.4
Buffered mode . . . . . . . . . . . . . . . . . . . . . . . . 31
8.4.1
Master Transmitter Buffered mode . . . . . . . . . 31
8.4.2
Master Receiver Buffered mode. . . . . . . . . . . 36
8.4.3
Slave Receiver Buffered mode. . . . . . . . . . . . 40
8.4.4
Slave Transmitter Buffered mode . . . . . . . . . . 45
8.5
Buffered mode examples . . . . . . . . . . . . . . . . 48
8.5.1
Buffered Master Transmitter mode of
operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
8.5.2
Buffered Master Receiver mode of operation. 48
8.5.3
Buffered Slave Transmitter mode . . . . . . . . . . 49
8.5.4
Buffered Slave Receiver mode. . . . . . . . . . . . 50
8.5.5
Example: Read 128 bytes in two 64-byte
sequences of an EEPROM
(I2C-bus address = A0h for write operations
and A1h for read operations) starting at
Location 08h. . . . . . . . . . . . . . . . . . . . . . . . . . 50
8.6
I2CCOUNT register . . . . . . . . . . . . . . . . . . . . 51
8.7
Acknowledge management
(I2C-busaddresses and data) in Byte and
Buffered modes . . . . . . . . . . . . . . . . . . . . . . . 53
8.8
Miscellaneous states . . . . . . . . . . . . . . . . . . . 57
8.8.1
I2CSTA = F8h. . . . . . . . . . . . . . . . . . . . . . . . . 57
8.8.2
I2CSTA = 00h . . . . . . . . . . . . . . . . . . . . . . . . . 57
8.8.3
I2CSTA = 70h . . . . . . . . . . . . . . . . . . . . . . . . . 57
8.8.4
I2CSTA = 78h . . . . . . . . . . . . . . . . . . . . . . . . . 58
8.9
Some special cases . . . . . . . . . . . . . . . . . . . . 58
8.9.1
Simultaneous repeated START conditions
from two masters . . . . . . . . . . . . . . . . . . . . . . 58
8.9.2
Data transfer after loss of arbitration . . . . . . . 58
8.9.3
Forced access to the I2C-bus . . . . . . . . . . . . . 58
8.9.4
I2C-bus obstructed by a LOW level on SCL or
SDA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
8.9.5
Bus error . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
8.10
Power-on reset . . . . . . . . . . . . . . . . . . . . . . . . 60
8.11
Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
8.12
I2C-bus timing diagrams, Unbuffered mode . . 61
8.13
I2C-bus timing diagrams, Buffered mode . . . . 63
9
Characteristics of the I2C-bus . . . . . . . . . . . . 65
9.1
Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
9.1.1
START and STOP conditions . . . . . . . . . . . . . 65
9.2
System configuration . . . . . . . . . . . . . . . . . . . 65
9.3
Acknowledge . . . . . . . . . . . . . . . . . . . . . . . . . 66
10
Application design-in information . . . . . . . . . 67
10.1
Specific applications. . . . . . . . . . . . . . . . . . . . 67
10.2
Add I2C-bus port . . . . . . . . . . . . . . . . . . . . . . 67
10.3
Add additional I2C-bus ports . . . . . . . . . . . . . 68
10.4
Convert 8 bits of parallel data into
I2C-bus serial data stream . . . . . . . . . . . . . . . 68
11
Limiting values . . . . . . . . . . . . . . . . . . . . . . . . 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com