Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 135 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 135 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 131Page - PMC-Sierra, Inc PM8621 Datasheet HTML 132Page - PMC-Sierra, Inc PM8621 Datasheet HTML 133Page - PMC-Sierra, Inc PM8621 Datasheet HTML 134Page - PMC-Sierra, Inc PM8621 Datasheet HTML 135Page - PMC-Sierra, Inc PM8621 Datasheet HTML 136Page - PMC-Sierra, Inc PM8621 Datasheet HTML 137Page - PMC-Sierra, Inc PM8621 Datasheet HTML 138Page - PMC-Sierra, Inc PM8621 Datasheet HTML 139Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
134
Document ID: PMC-2010850, Issue 1
12
Operation
There are several important aspects regarding the operation of NSE-based switch fabrics; these
are dealt with in turn in the following sections.
12.1
Software Default Settings
12.1.1 Setting the T8TE Time-slot Configuration #1 Register
Set the first T8TE Time-slot Configuration register to 0000AAAAh. This sets T8TE to LPT mode
so that Low Order Path signals are encoded in outgoing 8B/10B characters. Or, set to 00005555h
to set T8TE to HPT mode to ensure V1/V2 bytes are preserved.
12.1.2 Setting the T8TE Time-slot Configuration #2 Register
Set the second T8TE Time-slot Configuration register to 000000Aah. This sets T8TE to LPT
mode so that Low Order Path signals are encoded in outgoing 8B/10B characters. Or, set to
00000055h to set T8TE to HPT mode to ensure V1/V2 bytes are preserved.
12.1.3 Configuring the NSE-8G to Use Fewer Links
The NSE-8G powers up with the software digital reset disabled, software analog reset disabled
and individual link reset enabled. This means that only the digital blocks are enabled post
hardware reset (since setting channel reset also disable the associated analog blocks). The CSU
by default will be start upon NSE-8G powers up; it can only be reset by the firmware writing
logic one to the ARESET bit in NSE-8G Master Reset register (000H). By writing logic zero to
appropriate channels in NSE-8G Individual Channel Reset register (001H) will bring the
associated link out of reset and operational for normal mode operation.
When fewer than 32/12 links are used in the NSE-8G 20G/8G, the unused links should be
disabled individually by writing logic one to the appropriate NSE-8G Individual Channel Reset
register (001H) bit. Writing logic one to bit N of NSE-8G Individual Channel Reset register will
disable the R8TD, ILC, and T8TE of channel N. This reset controls both the digital as well as the
analog reset inputs of the R8TD and T8TE. The analog reset input of R8TD and T8TE gates the
analog reset and enable output that is used to disable the associated DRU/RXLV, PISO/TXLV
analog blocks. This will cause the entire link from input N to output N to be disabled.
Reset States of Various Operation Modes
Post Hardware Reset:
Register 000H : DRESET
‘0’
Register 000H : ARESET
‘0’
Register 001H : RESET
‘0xFFFFFFFF’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com