Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 138 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 138 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 134Page - PMC-Sierra, Inc PM8621 Datasheet HTML 135Page - PMC-Sierra, Inc PM8621 Datasheet HTML 136Page - PMC-Sierra, Inc PM8621 Datasheet HTML 137Page - PMC-Sierra, Inc PM8621 Datasheet HTML 138Page - PMC-Sierra, Inc PM8621 Datasheet HTML 139Page - PMC-Sierra, Inc PM8621 Datasheet HTML 140Page - PMC-Sierra, Inc PM8621 Datasheet HTML 141Page - PMC-Sierra, Inc PM8621 Datasheet HTML 142Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
137
Document ID: PMC-2010850, Issue 1
Figure 18 “C1” Synchronization Control
Ingress SBI
device
Ingress SBS
(1 frame delay)
Egress SBS
(1 frame delay)
500
µs Source
delay
t
1
t
0
,t1
t
2
t
3
t
4
delay
125
µs
t at 0
µs
Egress SBI
device
delay
t
2
delay
t
3
delay
t
4
t
0
NSE
delay
125
µs
(no delay t delay through
Ingress SBI device)
12.3
Synchronized Control Setting Changes
The NSE-8G and SBS support dual switch control settings. These dual settings permit one bank
of settings to be operational while the other bank is updated as a result of some new connection
requests. The CMP input selects the current operational switch control settings. CMP is sampled
by the NSE-8G on the RC1FP. The internal blocks sample the registered CMP value as they
receive the next C1 character after a delay of RC1DLY. The new CMP value is applied on the first
A1 character of the following STS-12 frame. This switchover is hitless; the control change does
not disrupt the user data flow in any way. This feature is required for the addition of arbitrary new
connections, as existing connections may need to be rerouted (see the discussion of the
connection routing algorithm in this document).
The DS0-granularity switch settings RAM in organized into two control settings banks, these are
switched by the above mechanisms on C1 boundaries. The NSE-8G also has to coordinate the
switching of the connected SBS devices (if using the In-Band link facility), so a broader
understanding of the issues is required.
The following sections provide examples.
12.3.1 SBS/NSE-8G Systems with DS0 and CAS Switching
When building a DS0 and Channel Associated Signaling switching system with the SBS, SBS-lite
and NSE-8G devices the overall timing is based on the CAS signaling multiframe on the SBI bus.
In this configuration the delay through the SBS devices is a single 125 µS SBI frame plus a few
77.76 MHz clocks and the delay through the NSE-8G is a few 77.76 MHz clocks. A single C1FP
frame synchronization signal is distributed around the system. Internal to the SBS and NSE-8G
devices are programmable offsets used to account for propagation delays through the system. The
key constraint is that all SBI frames are aligned going into the NSE-8G device.
Compatible devices are TEMUX-84, FREEDM-336, FREEDM-336-84 bond-out, S/UNI-IMA-
84, and other future SBI336 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com