Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 142 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 142 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 138Page - PMC-Sierra, Inc PM8621 Datasheet HTML 139Page - PMC-Sierra, Inc PM8621 Datasheet HTML 140Page - PMC-Sierra, Inc PM8621 Datasheet HTML 141Page - PMC-Sierra, Inc PM8621 Datasheet HTML 142Page - PMC-Sierra, Inc PM8621 Datasheet HTML 143Page - PMC-Sierra, Inc PM8621 Datasheet HTML 144Page - PMC-Sierra, Inc PM8621 Datasheet HTML 145Page - PMC-Sierra, Inc PM8621 Datasheet HTML 146Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
141
Document ID: PMC-2010850, Issue 1
Figure 23 Switch Timing - DSOs without CAS
0us
250us
500us
C1FP
All CMPs
SBI Frame Time
Internal Sigs
SBS IC1FP.INT
NSE RC1FP.INT
SBS RC1FP.INT
SBS OC1FP.INT
SBS TCMP.INT
NSE CMP.INT
SBS OCMP.INT
12.3.3 SBS/NSE-8G non-DS0 Level Switching with SBI336 Devices
The SBS and NSE-8G supports another mode of operation that has lower latency and lower
power when not switching at the DS0 level. In this mode both of these devices become a column
switch rather than a DS0 switch. This also saves SW configuration since only one row of the
switch configuration rams has to be configured rather than all nine rows.
When switching DS0 through the system the SBS must store an entire frame of DS0s before
routing them to the destination to allow for the last DS0 of a frame to be switched to the first DS0
of the output. When doing column switching only one row of the SBI structure needs to be stored
before switching can take place.
Figure 22 from the previous section can be used here. The following timing diagram shows the
system timing for this mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com