Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 144 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 144 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 140Page - PMC-Sierra, Inc PM8621 Datasheet HTML 141Page - PMC-Sierra, Inc PM8621 Datasheet HTML 142Page - PMC-Sierra, Inc PM8621 Datasheet HTML 143Page - PMC-Sierra, Inc PM8621 Datasheet HTML 144Page - PMC-Sierra, Inc PM8621 Datasheet HTML 145Page - PMC-Sierra, Inc PM8621 Datasheet HTML 146Page - PMC-Sierra, Inc PM8621 Datasheet HTML 147Page - PMC-Sierra, Inc PM8621 Datasheet HTML 148Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
143
Document ID: PMC-2010850, Issue 1
1
234
1
234
RC1FP (ext)
NSE C1FP
(int)
NSE Frame
Interrupt
Enable Frame
Interrupt
Write new SBS
page words
Write new DCB
page bit and
disable Frame
interrupt
NSE CPU
tasks
SBS sample
new bit
SBS samples new page
bits and set up page
switch
Switch occurs in the SBS
DCB sample
new bit
Switch occurs in the NSE
NSE DCB samples CMP
bit and set up page switch
outgoing
messages
outgoing
messages
12.5 Controlling Frame Alignment in the Receive Port
After external data corruption on any port it may be necessary to force OCA to reset the
alignment of the R8TD block. In order to detect this out of alignment condition, three hardware
functions are implemented for each port. The registers are:
• “Correct R8TD_RX_C1 Pulse Monitor”, 012h
• “Unexpected R8TD_RX_C1 Pulse Interrupt”, 013h
• “Missing R8TD_RX_C1 Pulse Interrupt”, 014h
These are qualified against a delayed version of the RC1FP input, which should occur every 4 or
48 frames and in agreement with mf_swap mode (DCB Configuration Register, 04Ch). If all
active ports are using carrying the same frequency of C1 frame pulses (1 in 4 or 1 in 48) then the
unexpected interrupt (013h) should be used to signal that a C1 code word was detected at the
wrong time, software can then poll the monitor register (012h) to see if the error condition is
permanent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com