Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 143 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 143 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 139Page - PMC-Sierra, Inc PM8621 Datasheet HTML 140Page - PMC-Sierra, Inc PM8621 Datasheet HTML 141Page - PMC-Sierra, Inc PM8621 Datasheet HTML 142Page - PMC-Sierra, Inc PM8621 Datasheet HTML 143Page - PMC-Sierra, Inc PM8621 Datasheet HTML 144Page - PMC-Sierra, Inc PM8621 Datasheet HTML 145Page - PMC-Sierra, Inc PM8621 Datasheet HTML 146Page - PMC-Sierra, Inc PM8621 Datasheet HTML 147Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
142
Document ID: PMC-2010850, Issue 1
Figure 24 Non DS0 Switch Timing
0us
250us
500us
C1FP
SBS#1 TCMP
NSE CMP
SBS#2 OCMP
SBI Frame Time
Internal Sigs
SBS IC1FP.INT
NSE RC1FP.INT
SBS RC1FP.INT
SBS OC1FP.INT
SBS#1 TCMP.INT
NSE CMP.INT
SBS#2 OCMP.INT
12.4
NSE-8G CPU Interaction with the Switching Cycle When Using
the ILC
An interrupt is made available to the NSE-8G CPU called the Frame Interrupt this occurs at the
start of the internal frame and marks a time in the NSE-8G where updates to the system page bits
can occur. This interrupt is maskable and would normally be masked.
The CPU will need to enable this interrupt before a page switch is required, then respond to this
interrupt immediately and complete writing the new page bit settings (a two double word
operation) within 27 µs.
This is required as the ILC will sample the SBS page bits (in the ILCs) once during the frame
before the first message is assembled and sent (starting at the beginning of row 3). If the page bits
are updated late, the SBS pages will switch a frame late, which means the NSE-8G DCB may
switch early giving disastrous results.
The NSE-8G CPU will have the rest of the frame to signal a page switch to the DCB as this is
sampled on the next frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com