Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 146 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 146 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 142Page - PMC-Sierra, Inc PM8621 Datasheet HTML 143Page - PMC-Sierra, Inc PM8621 Datasheet HTML 144Page - PMC-Sierra, Inc PM8621 Datasheet HTML 145Page - PMC-Sierra, Inc PM8621 Datasheet HTML 146Page - PMC-Sierra, Inc PM8621 Datasheet HTML 147Page - PMC-Sierra, Inc PM8621 Datasheet HTML 148Page - PMC-Sierra, Inc PM8621 Datasheet HTML 149Page - PMC-Sierra, Inc PM8621 Datasheet HTML 150Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
145
Document ID: PMC-2010850, Issue 1
Example: Suppose one wishes to change the cross bar to map DIN[10][12:0] to DOUT[6][12:0]
for just the 4097th byte of the frame and wishes to keep all other mappings of the 4097th byte the
same.
Steps:
1. CPU writes 0x8a061000 to the DCB Access Mode register (i.e., WRB=1, ACCMDE=0,
PORTCFG[4:0]=0x0A, PORTADDR[4:0]=0x06, WORDADDR[13:0]=0x1000).
° Causes MUX B to switch in PORTCFG at port 6.
° Causes MUX C to switch in MUX B.
° Triggers a read from offline memory connection page at location 0x1000.
2. Wait four SYSCLK cycles.
3. Writes 0x0a061000 to the DCB Access Mode register (i.e., WRB=0, ACCMDE=0,
PORTCFG[4:0]=0x0A, PORTADDR[4:0]=0x06, WORDADDR[13:0]=0x1000).
° Causes MUX B to switch in PORTCFG at port 6.
° Causes MUX C to switch in MUX B.
° Triggers a write from register D to offline connection memory page at location 0x1000.
4. Wait four SYSCLK cycles before returning to step 1 to perform another mapping change.
12.6.2 Configuring the DCB using Word transfer mode:
In word transfer mode, the microprocessor updates the entire word of offline connection memory
page. The steps to perform a word transfer is shown in the following example:
Example: Suppose one wishes to change the entire cross bar mapping from DIN to DOUT for just
the 4097th byte of the frame.
Steps:
1. CPU writes new mapping to the Configuration 31-30 Port register.
2. CPU writes new mapping to the Configuration 29-24 Port register.
3. CPU writes new mapping to the Configuration 23-18 Port register.
4. CPU writes new mapping to the Configuration 17-12 Port register.
5. CPU writes new mapping to the Configuration 11-6 Port register.
6. CPU writes new mapping to the Configuration 5-0 Port register .
7. CPU write 0x40001000 to the DCB Access Mode register.
° Causes Mux C to switch in WORDCFG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com