Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 149 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 149 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 145Page - PMC-Sierra, Inc PM8621 Datasheet HTML 146Page - PMC-Sierra, Inc PM8621 Datasheet HTML 147Page - PMC-Sierra, Inc PM8621 Datasheet HTML 148Page - PMC-Sierra, Inc PM8621 Datasheet HTML 149Page - PMC-Sierra, Inc PM8621 Datasheet HTML 150Page - PMC-Sierra, Inc PM8621 Datasheet HTML 151Page - PMC-Sierra, Inc PM8621 Datasheet HTML 152Page - PMC-Sierra, Inc PM8621 Datasheet HTML 153Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
148
Document ID: PMC-2010850, Issue 1
° If enabled, FRAMEI will occur every 4 frame at the internally flywheeled RC1FP
location.
12.9 SBI DS0 Mode Operation
In SBI DS0 mode operation, all 9720 words of the configuration RAM are utilized. This same
configuration is repeated four times to switch the 4-frame multiframe. In this mode, RC1FP is
flywheeled internally every four frames so that page swaps can also occur at this frequency. A
pulse on the OC1FP output that is used to resynchronize external TSBs also occurs every four
frames.
To configure this mode of operation, use the following programming steps. Note, the order in
which these steps are followed is irrelevant.
1. Program the DCB Frame Size register (0x4A) to 9719.
° This programs the DCB to use all 9720 location of the RAMs.
2. Program the MF_SWAP bits in DCB Configuration register (0x4C) to 10.
° This will program the DCB to effect page changes at every 4 x 9720 frame when a page
swap request is received.
° OC1FP will pulse high at every 4th frame.
° CMP inputs will be sampled every 4th frame at the internally flywheeled RC1FP
location.
° If enabled, FRAMEI will occur every 4th frame at the internally flywheeled RC1FP
location.
12.10 SBI DS0 with CAS Mode Operation
In SBI DS0 with CAS mode operation, all 9720 words of the configuration RAM are utilized.
This same configuration is repeated 48 times to switch the 48 frame multiframe. In this mode,
RC1FP is flywheeled internally every 48th frame so that page swaps can also occur at this
frequency. A pulse on the OC1FP output that is used to resynchronize external TSBs also occurs
at every 48th frame.
To configure this mode of operation, use the following programming steps. Note, the order in
which these steps are followed is irrelevant.
1. Program the DCB Frame Size register (0x4A) to 9719.
° This programs the DCB to use all 9720 location of the RAMs.
2. Program the MF_SWAP bits in DCB Configuration register (0x4C) to 11.
° This will program the DCB to effect page changes at every 48 x 9720 frame when a page
swap request is received.
° OC1FP will pulse every 48th frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com