Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 151 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 151 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 147Page - PMC-Sierra, Inc PM8621 Datasheet HTML 148Page - PMC-Sierra, Inc PM8621 Datasheet HTML 149Page - PMC-Sierra, Inc PM8621 Datasheet HTML 150Page - PMC-Sierra, Inc PM8621 Datasheet HTML 151Page - PMC-Sierra, Inc PM8621 Datasheet HTML 152Page - PMC-Sierra, Inc PM8621 Datasheet HTML 153Page - PMC-Sierra, Inc PM8621 Datasheet HTML 154Page - PMC-Sierra, Inc PM8621 Datasheet HTML 155Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
150
Document ID: PMC-2010850, Issue 1
1. Write 00000001h to the ILC Transmit Misc. Status and FIFO Synch register to initiate a new
message write sequence (TX_XFER_SYNC).
2. Loop through the next two operations until the message is transferred.
3. Write the Transmit FIFO Data register.
4. Wait for the TX_FI_BUSY bit to be logic zero (read ILC Transmit Misc. Status and FIFO
Synch register) or wait for three SYSCLK Cycles and then continue. This wait time can be
used to access other registers, just as long as the Transmit FIFO Data register is not changed
during this time.
Notes on Using the TX_XFER_SYNC
If all messages transmitted are eight Dwords in length, then writing the TX_XFER_SYNC bit is
optional.
When transmitting a message immediately following a short message, writing the
TX_XFER_SYNC bit is mandatory.
When transmitting messages longer than eight Dwords, writing the TX_XFER_SYNC bit every
eight Dwords is optional.
12.12.2 Accessing the Receive Message FIFO
Access the registers in the following order:
This procedure is outline only. Full operation is shown in the code snippet below.
1. Write 00000001h to the Receive Auxiliary, Status and FIFO Synch register to initiate a new
message read sequence.
2. Loop through the next two operations until message is transferred.
3. Read the Receive FIFO Data register.
4. Wait for the busy bit to equal ‘0’ (Read Receive Status register Ah) or wait for three SYSCLK
Cycles and then continue. This wait time can be utilized accessing other registers, just as long
as the Receive FIFO Data register is not read again during this time.
The following psuedo code shows the recommended procedure for accessing the receive message
FIFO.
PROCEDURE Message_Receive IS
VARIABLE dword_rd_cnt
: NATURAL := 0;
VARIABLE msg_done
: BOOLEAN := false;
VARIABLE polled_rx_mode : BOOLEAN := false;
VARIABLE msg_lvl_loop
: NATURAL := 0;
VARIABLE msgs_rd
: NATURAL := 0;
BEGIN
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com