Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 154 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 154 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 150Page - PMC-Sierra, Inc PM8621 Datasheet HTML 151Page - PMC-Sierra, Inc PM8621 Datasheet HTML 152Page - PMC-Sierra, Inc PM8621 Datasheet HTML 153Page - PMC-Sierra, Inc PM8621 Datasheet HTML 154Page - PMC-Sierra, Inc PM8621 Datasheet HTML 155Page - PMC-Sierra, Inc PM8621 Datasheet HTML 156Page - PMC-Sierra, Inc PM8621 Datasheet HTML 157Page - PMC-Sierra, Inc PM8621 Datasheet HTML 158Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
153
Document ID: PMC-2010850, Issue 1
tst_report("Executing Receive buffer resync"&"
following short message of length " &
to_str(dword_rd_cnt) & ".");
wr(RX_STTS, "00000000000000000000000000000001");
--
--
Poll the bit here before startiong next message.
--
rd(RX_STTS);
WHILE rx_fi_busy = '1' LOOP
rd(RX_STTS);
END LOOP;
END IF;
END LOOP;
---
Simulation Stuff
Check_Rx_Msg(Payload_Chk,No_Header_Chk); -- Check payload only.
rx_msg_cnt_o <= rx_msg_cnt_o + 1;
---
End Simulation Stuff
msgs_rd := msgs_rd + 1;
ELSE
--
msgs_rd = msg_lvl_loop
--
--
When we think we're done check that we really are.
--
Update the current value of RX_MSG_LVL. Allows for the case where a
--
message has arrived while processing.
--
At this point we have read all the messages we thought we had at the
--
start of the loop so whatever number is returned now is the number of
--
new messages receieved while we've been reading messages.
--
Unless we're running real slow this should only be 1 or 0.
--
We adjust our loop variable by this amount to keep the loop going
--
long enough to get the extra messages received.
--
rd(RX_STTS);
WHILE rx_stts_valid = '0' OR rx_fi_busy = '1' LOOP
rd(RX_STTS);
END LOOP;
IF rx_msg_lvl > 0 THEN
tst_report("Message(s) Received while processing messages");
END IF;
--
--
Note in this code I'm not checking for more messages received than
--
read. We'd be in real trouble in the system in this case! We
--
also can't get there in the sim!
--
msgs_rd := msgs_rd - rx_msg_lvl;
END IF;
END LOOP;
END Message_Receive;
12.12.3 Handling the Transmit Header
PAGE Bits
If the IPAGE bits are changed, they are not sent in the header bits until the next frame. They will
be continually sent for each message in subsequent frames until they change again.
USER, LINK and AUX Bits
When any of these bits change they are sent in the header bits of the next message. They will be
continually sent for each subsequent message until they change again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com