Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 158 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 158 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 154Page - PMC-Sierra, Inc PM8621 Datasheet HTML 155Page - PMC-Sierra, Inc PM8621 Datasheet HTML 156Page - PMC-Sierra, Inc PM8621 Datasheet HTML 157Page - PMC-Sierra, Inc PM8621 Datasheet HTML 158Page - PMC-Sierra, Inc PM8621 Datasheet HTML 159Page - PMC-Sierra, Inc PM8621 Datasheet HTML 160Page - PMC-Sierra, Inc PM8621 Datasheet HTML 161Page - PMC-Sierra, Inc PM8621 Datasheet HTML 162Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
157
Document ID: PMC-2010850, Issue 1
12.13.2 Naïve Algorithm
We begin by describing a simplified version of the algorithm, applied to a specific SBS/NSE-8G
configuration. Four SBS devices are connected by one port each to an NSE, which is likewise
connected by one port to the egress side of each SBS device. Only four ingress/egress ports on the
NSE-8G are in use in this application, but the ideas generalize easily to larger fabrics.
Information flows from left to right. Each edge connects an egress port (on the left) to an ingress
port (on the right); each such edge has a capacity of 9720 timeslots.
For present purposes, we consider the SBSs to be supporting a single P-SBI port (eight bits at
77.76 MHz, or STS-12). Also, we ignore the “standby” LVDS port. This reduces the SBS from a
multi-ported Memory switch (which it in fact is) to a simpler two-ported (P-SBI and Active S-
SBI) Time switch. This reduction in complexity makes the following discussion more
straightforward, but does not reduce the algorithm’s ability to deal with the more complex cases
introduced by the use of the four slower P-SBI ports, or by concurrent use of the standby LVDS
port. The nature of switching in this application is illustrated by Figure 19. The two dimensional
4-X-4 matrices represent octet slots in both space (vertical) and time (horizontal). We trace
through the switching processing in the following steps:
Matrix I represents the arrival of the 16 octets from the SBI load devices.
The mapping from Matrix I to Matrix II represents the Time switching action of all four ingress
SBSs. Each SBS carries out an arbitrary permutation (including 1-to-many) of the ingress Time
slots within each Space row.
The mapping from Matrix II to mat Matrix rix III represents the Space switching action of the
NSE. During each Time slot, the NSE-8G carries out an arbitrary permutation (including 1-to-
many) of the ingress Space slots.
The mapping from Matrix III to Matrix IV represents the Time switching action of all four egress
SBSs. Each SBS carries out an arbitrary permutation (including 1-to-many) of the ingress Time
slots within each Space row.
It is known that any complete permutation from Matrix I to Matrix IV can be carried out in this
way. Figure 19 illustrates two particular octets (
α and β) being switched through the SBS-NSE-
SBS Time:Space:Time switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com