Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 157 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 157 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 153Page - PMC-Sierra, Inc PM8621 Datasheet HTML 154Page - PMC-Sierra, Inc PM8621 Datasheet HTML 155Page - PMC-Sierra, Inc PM8621 Datasheet HTML 156Page - PMC-Sierra, Inc PM8621 Datasheet HTML 157Page - PMC-Sierra, Inc PM8621 Datasheet HTML 158Page - PMC-Sierra, Inc PM8621 Datasheet HTML 159Page - PMC-Sierra, Inc PM8621 Datasheet HTML 160Page - PMC-Sierra, Inc PM8621 Datasheet HTML 161Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
156
Document ID: PMC-2010850, Issue 1
12.13 Switch Setting Algorithm
NSE/SBS fabrics require an algorithm to map from customers’ connection requirements to
settings in the switch function control registers in these devices. Four constraints apply to this
algorithm:
• The algorithm must succeed for arbitrary permutation requests (i.e., neither the fabric nor
thealgorithm can fail to connect any one-to-one connection request).
• The algorithm must permit connection of 2-cast requests (port replication for either snooping
or for advanced redundancy fabrics). In fabrics with spare capacity and multicast/broadcast
servers, the algorithm must permit mapping of multicast/broadcast requests, up to the
capacity of the fabric and the servers.
• This algorithm must be fast enough to satisfy requirements for response to operator requests
for connection changes.
• This algorithm must be fast enough to satisfy requirements for protection responses to
equipment failures.
There are several aspects of this problem:
• Reconnection requests may be made individually in which case an incremental connection-
setting algorithm is desired, or as complete batches in which case a batch algorithm may be
desirable.
• Reconnection requests may be pre-computed for fast protection fail-over mechanisms.
12.13.1 Problem Description
The basic scheduling problem is to find the switch settings to properly route a set of connections.
This is more formally described using the definitions in the following paragraphs.
Port: An STS-12 input/output data stream. The serial ports on the SBS devices and the NSE-
devices operate at STS-12 rates and utilize STS-12 frames. Since the intention of the NSE-8G is
to serve as a DS0-granularity switch, these STS-12 frames must be treated as repeating on a cycle
of 12*9*90 = 9720 octets. All connections considered by this algorithm are octet connections.
Higher aggregations of traffic are handled as collections of octets, and are ignored for the
purposes of describing this algorithm.
Timeslot: A specific octet location in the 9720 octet cyclic structure.
Spacetimeslot: A timeslot on a specific port, identified by a space component and a time
component: for example, octet 9 on port 3 of SBS device 2
Connection: A mapping of an input spacetimeslot to an output spacetimeslot. Connections come
in two varieties, multicast and unicast. Unicast connections are a mapping of a single input
spacetimeslot to a single output spacetimeslot. Multicast connections are a mapping of a single
spacetimeslot to multiple output spacetimeslots. This algorithm is only concerned with the unicast
problem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com