Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 161 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 161 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 157Page - PMC-Sierra, Inc PM8621 Datasheet HTML 158Page - PMC-Sierra, Inc PM8621 Datasheet HTML 159Page - PMC-Sierra, Inc PM8621 Datasheet HTML 160Page - PMC-Sierra, Inc PM8621 Datasheet HTML 161Page - PMC-Sierra, Inc PM8621 Datasheet HTML 162Page - PMC-Sierra, Inc PM8621 Datasheet HTML 163Page - PMC-Sierra, Inc PM8621 Datasheet HTML 164Page - PMC-Sierra, Inc PM8621 Datasheet HTML 165Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
160
Document ID: PMC-2010850, Issue 1
Figure 30 Example Graph
A
B
C
D
E
F
1
2
3
4
5
6
Inputs
Outputs
12.13.4 Unicast
Scheduling unicast connections through the NSE-8G is a relatively simple problem: given n
input ports, n output ports, m time slots and a guarantee that no port is oversubscribed, schedule
the transfer of all input slots to output slots. This solution uses the time slot interchange on the
SBS chips to schedule the flow of inputs to outputs through the NSE-8G fabric with no collisions.
Unicast connections have a perfect solution.
Example
The algorithm is illustrated using an example with 3 timeslots and 6 input/output nodes. The
original configuration is shown in Figure 30. The new connection originates at input node F, and
terminates at output node 6. This is edge (F
→
→
→
→6) in the bipartite graph.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com