Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 163 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 163 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 159Page - PMC-Sierra, Inc PM8621 Datasheet HTML 160Page - PMC-Sierra, Inc PM8621 Datasheet HTML 161Page - PMC-Sierra, Inc PM8621 Datasheet HTML 162Page - PMC-Sierra, Inc PM8621 Datasheet HTML 163Page - PMC-Sierra, Inc PM8621 Datasheet HTML 164Page - PMC-Sierra, Inc PM8621 Datasheet HTML 165Page - PMC-Sierra, Inc PM8621 Datasheet HTML 166Page - PMC-Sierra, Inc PM8621 Datasheet HTML 167Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
162
Document ID: PMC-2010850, Issue 1
Figure 33 Relabeled Graph
A
B
C
D
E
F
1
2
3
4
5
6
12.13.5 Experimental Results
The performance of PMC-Sierra’s Open Path Algorithm has been studied by implementing it in
C++ and running extensive random connection tests. Tests for NSE/SBS applications of this
algorithm used a single NSE-8G connected to 12 SBSs, each carrying a full complement of DS0
connection. Many runs were completed in which an initially unloaded switch is presented with a
sequence of random call establishment requests up to the point of 100% switching loads. These
runs were carried out on a 600 MHz Alpha running Linux. In all of these runs, no otctet open path
search took longer than 10
µs, thus supporting up to 100,000
1 DS0 call establishments per second.
T1s and other aggregates require the establishment of multiple octet open paths; complete T1s
can be established at about 3,700 T1/sec. The reasons for this surprisingly good performance are
explained in the separate open path algorithm document. It is our opinion that these rates are
sufficiently high that the call establishment algorithm should not be a bottleneck in any
application of the NSE/SBS, and that this rate is sufficiently high to permit the NSE/SBS to be
used for PSTN call establishment rates (up to 100,000 calls/sec in a switch supporting 96,768
full-duplex calls, with the switching core implemented in 1 NSE-8G and 12 SBS chips).
12.13.6 Multicast
Scheduling general multicast connections is an entirely different class of problem. With
unrestricted multicast, the underlying architecture is non-blocking up to capacity dictated by the
number of slots in a frame, but finding the non-blocking schedule is NP-hard. There is no
polynomial time running algorithm known to solve this class of problem.
There are two approaches to solving the multicast problem:
• Heuristic algorithms that have statistical probability of success for simple versions of the
problem; (and)
• Restricted multicast, where the form of restriction provides a means to solve the scheduling
problem.
1 This ignores inband or uP to NSE limitations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com