Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 165 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 165 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 161Page - PMC-Sierra, Inc PM8621 Datasheet HTML 162Page - PMC-Sierra, Inc PM8621 Datasheet HTML 163Page - PMC-Sierra, Inc PM8621 Datasheet HTML 164Page - PMC-Sierra, Inc PM8621 Datasheet HTML 165Page - PMC-Sierra, Inc PM8621 Datasheet HTML 166Page - PMC-Sierra, Inc PM8621 Datasheet HTML 167Page - PMC-Sierra, Inc PM8621 Datasheet HTML 168Page - PMC-Sierra, Inc PM8621 Datasheet HTML 169Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
164
Document ID: PMC-2010850, Issue 1
12.14.1 TAP Controller
The TAP controller is a synchronous finite state machine clocked by the rising edge of primary
input, TCK. All state transitions are controlled using primary input, TMS. The finite state
machine is described below.
Figure 35 TAP Controller Finite State Machine
Test-Logic-Reset
Run-Test-Idle
Select-DR-Scan
Select-IR-Scan
Capture-DR
Capture-IR
Shift-DR
Shift-IR
Exit1-DR
Exit1-IR
Pause-DR
Pause-IR
Exit2-DR
Exit2-IR
Update-DR
Update-IR
TRSTB=0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
0
0
0
0
0
1
1
1
1
1
1
All transitions dependent on input TMS
0
0
0
0
0
1
12.14.2 States
Test-Logic-Reset
The test logic reset state is used to disable the TAP logic when the device is in normal mode
operation. The state is entered asynchronously by asserting input, TRSTB. The state is entered
synchronously regardless of the current TAP controller state by forcing input, TMS high for 5
TCK clock cycles. While in this state, the instruction register is set to the IDCODE instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com