Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 168 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 168 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 164Page - PMC-Sierra, Inc PM8621 Datasheet HTML 165Page - PMC-Sierra, Inc PM8621 Datasheet HTML 166Page - PMC-Sierra, Inc PM8621 Datasheet HTML 167Page - PMC-Sierra, Inc PM8621 Datasheet HTML 168Page - PMC-Sierra, Inc PM8621 Datasheet HTML 169Page - PMC-Sierra, Inc PM8621 Datasheet HTML 170Page - PMC-Sierra, Inc PM8621 Datasheet HTML 171Page - PMC-Sierra, Inc PM8621 Datasheet HTML 172Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
167
Document ID: PMC-2010850, Issue 1
13
Functional Timing
13.1
Receive Interface Timing
Figure 35 below, shows the relative timing of the receive interface. The LVDS links carry
SONET/SDH frame octets that are encoded in 8B/10B characters. Frame boundaries, justification
events and alarm conditions are encoded in special control characters. The upstream devices
sourcing the links share a common clock and have a common transport frame alignment that is
synchronized by the Receive Serial Interface Frame Pulse signal (RC1FP). Due to phase noise of
clock multiplication circuits and backplane routing or cable length discrepancies, the links will
not phase aligned to each other but are frequency locked. The delay from RC1FP being sampled
high to the first and last C1 character is shown in Figure 35 In this example, the first C1 is
delivered on link RN[X]/RP[X]. The delay to the last C1 represents the time when the all the
links have delivered their C1 character. In the example below, link RN[Y]/RP[Y] is shown to be
the slowest. The minimum value for the internal programmable delay (RC1DLY[13:0]) is the
delay through the SBS2 plus 15. The maximum value is the delay through the SBS plus 31.
Consequently, the external system must ensure that the relative delays between all the receive
LVDS links be less than 16 bytes. The relative phases of the links in Figure 35 are shown for
illustrative purposes only. Links may have different delays relative to other links than what is
shown.
Figure 36 Receive Interface Timing
RP[X]/
RN[X]
RN[Y]/
RP[Y]
...
SYSCLK
RC1FP
S4,3/
A2
S1,1/
C1
S2,1/
Z0
S4,3/
A2
S1,1/
C1
S2,1/
Z0
RC1DLY[13:0] Delay
...
...
...
...
...
Max Delay between
First and Last J0s
Max Delay until internal Frame Pulse
...
...
...
Min Delay until internal
Frame Pulse
2 This delay will be either one frame (9720 clock cycles) or one row (1080 clock cycles)
depending on the mode employed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com