Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 172 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 172 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 168Page - PMC-Sierra, Inc PM8621 Datasheet HTML 169Page - PMC-Sierra, Inc PM8621 Datasheet HTML 170Page - PMC-Sierra, Inc PM8621 Datasheet HTML 171Page - PMC-Sierra, Inc PM8621 Datasheet HTML 172Page - PMC-Sierra, Inc PM8621 Datasheet HTML 173Page - PMC-Sierra, Inc PM8621 Datasheet HTML 174Page - PMC-Sierra, Inc PM8621 Datasheet HTML 175Page - PMC-Sierra, Inc PM8621 Datasheet HTML 176Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
171
Document ID: PMC-2010850, Issue 1
15
D.C. Characteristics
TA = -40°C to +85°C, VDDO3.3 V ±5%, VDDI=1.8 V ±5%
(Typical Conditions: TC = 25°C, VDDO= 3.3 V, VDDI= 1.8 V)
Table 16 D.C Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VDDI
Power Supply at
1.8V
1.66
1.8
1.94
Volts
VDDO
Power Supply at
3.3V
3.14
3.3
3.47
Volts
VIL
Input Low
Voltage
0
TBD
0.8
Volts
Guaranteed Input Low
Voltage.
VIH
Input High
Voltage
2.0
TBD
Volts
Guaranteed Input High
Voltage.
VOL
Output or
Bi-directional Low
Voltage
TBD
0.4
Volts
Guaranteed output Low
Voltage at VDD=2.97V and
IOL=maximum rated for
pad.
VOH
Output or
Bi-directional
High Voltage
2.4
TBD
Volts
Guaranteed output High
Voltage at VDD=2.97V and
IOH=maximum rated
current for pad.
VT+
Reset Input High
Voltage
2.2
Volts
Applies to RSTB and
TRSTB only.
VT-
Reset Input Low
Voltage
0.8
Volts
Applies to RSTB and
TRSTB only.
VTH
Reset Input
Hysteresis
Voltage
TBD
Volts
Applies to RSTB and
TRSTB only.
IILPU
Input Low Current-200
-50
-4
µA
VIL = GND. Notes 1 and 3.
IIHPU
Input High
Current
-10
0
+10
µA
VIH = VDD. Notes 1 and 3.
IIL
Input Low Current-10
0
+10
µA
VIL = GND. Notes 2 and 3.
IIH
Input High
Current
-10
0
+10
µA
VIH = VDD. Notes 2 and 3.
CIN
Input
Capacitance
5PF
tA=25°C, f = 1 MHz
COUT
Output
Capacitance
5PF
tA=25°C, f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com