Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 175 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 175 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 171Page - PMC-Sierra, Inc PM8621 Datasheet HTML 172Page - PMC-Sierra, Inc PM8621 Datasheet HTML 173Page - PMC-Sierra, Inc PM8621 Datasheet HTML 174Page - PMC-Sierra, Inc PM8621 Datasheet HTML 175Page - PMC-Sierra, Inc PM8621 Datasheet HTML 176Page - PMC-Sierra, Inc PM8621 Datasheet HTML 177Page - PMC-Sierra, Inc PM8621 Datasheet HTML 178Page - PMC-Sierra, Inc PM8621 Datasheet HTML 179Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
174
Document ID: PMC-2010850, Issue 1
2.
Maximum output propagation delays are measured with a 100 pF load on the Microprocessor Interface
data bus, (D[15:0]).
3.
A valid read cycle is defined as a logical OR of the CSB and the RDB signals.
4.
In non-multiplexed address/data bus architectures, ALE should be held high so parameters tSALR,
tHALR, tVL, tSLR, and tHLR are not applicable.
5.
Parameter tHAR is not applicable if address latching is used.
6.
When a set-up time is specified between an input and a clock, the set-up time is the time in
nanoseconds from the 1.4 V point of the input to the 1.4 V point of the clock.
7.
When a hold time is specified between an input and a clock, the hold time is the time in nanoseconds
from the 1.4 V point of the input to the 1.4 V point of the clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com