Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 179 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 179 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 175Page - PMC-Sierra, Inc PM8621 Datasheet HTML 176Page - PMC-Sierra, Inc PM8621 Datasheet HTML 177Page - PMC-Sierra, Inc PM8621 Datasheet HTML 178Page - PMC-Sierra, Inc PM8621 Datasheet HTML 179Page - PMC-Sierra, Inc PM8621 Datasheet HTML 180Page - PMC-Sierra, Inc PM8621 Datasheet HTML 181Page - PMC-Sierra, Inc PM8621 Datasheet HTML 182Page - PMC-Sierra, Inc PM8621 Datasheet HTML 183Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
178
Document ID: PMC-2010850, Issue 1
17.2
Serial SBI Bus Interface
Table 21 Serial SBI Bus Interface
Symbol
Description
Min
Typical
Max
Units
FRLVDS
RP[11:0], RN[11:0] Bit Rate
10fSYSCLK -100ppm
10fSYSCLK
10fSYSCLK+ 100ppm
MB/s
TFALL
VODM fall time, 80%-20%,
(RLOAD=100Ω ±1%)
200
300
400
ps
TRISE
VODM rise time, 20%-80%,
(RLOAD=100Ω ±1%)
200
300
400
ps
TSKEW
Differential Skew
50
ps
17.3
JTAG Port Interface
Table 22 JTAG Port Interface ( Figure 42)
Symbol
Description
Min
Max
Units
fTCK
TCK Frequency
4
MHz
tHITCK
TCK HI Pulse Width
100
ns
tHITCK
TCK LO Pulse Width
100
ns
tSTMS
TMS Set-up time to TCK
25
ns
tHTMS
TMS Hold time to TCK
25
ns
tSTDI
TDI Set-up time to TCK
25
ns
tHTDI
TDI Hold time to TCK
25
ns
tPTDO
TCK Low to TDO Valid
2
25
ns
tVTRSTB
TRSTB Pulse Width
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com