Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 181 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 181 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 176Page - PMC-Sierra, Inc PM8621 Datasheet HTML 177Page - PMC-Sierra, Inc PM8621 Datasheet HTML 178Page - PMC-Sierra, Inc PM8621 Datasheet HTML 179Page - PMC-Sierra, Inc PM8621 Datasheet HTML 180Page - PMC-Sierra, Inc PM8621 Datasheet HTML 181Page - PMC-Sierra, Inc PM8621 Datasheet HTML 182Page - PMC-Sierra, Inc PM8621 Datasheet HTML 183Page - PMC-Sierra, Inc PM8621 Datasheet HTML 184Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 181 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
180
Document ID: PMC-2010850, Issue 1
18
Ordering and Thermal Information
18.1
Packaging Information
Part No.
Description
PM8621-BIAP
480 Uni Ball Grid Array (UBGA) Package
18.2
Thermal Information
In full operation (10–12 ports), the NSE-8G is designed to operate over a wide
temperature range when used with a heat sink with a worst case Junction to case
Tj (Tjc) of 1 °C/W and is suited for industrial applications such as outside plant
equipment
Maximum long-term operating junction temperature to ensure adequate long-term life
105
0C
Maximum junction temperature for short-term excursions with guaranteed continued functional
performance.
1
This condition will typically be reached when local ambient reaches 70 Deg C.
125
0C
Minimum ambient temperature
-40
0C
Device Compact Model
2
ΘJC (
0C/W)
# 1
ΘJB (
0C/W)
# 4
Operating power is dissipated in package
(watts) at worst case power supply
Power (watts)
2.56
ΘSA and ΘCS required for long-
term operation
3
ΘSA + ΘCS (
0C/W)4
#5
Notes
1.
Short-term is understood as the definition stated in Telcordia Generic Requirements GR-63-Core
2.
ΘJC, the junction-to-case thermal resistance is a measured nominal value + 2 sigma. ΘJB, the junction-
to-board thermal resistance is obtained by simulating conditions described in JEDEC Standard, JESD
51
3.
ΘSA is the thermal resistance of the heat sink to ambient. ΘCS is the thermal resistance of the heat sink
attached material
4.
The actual
ΘSA required may vary according to the air speed at the location of the device in the system
with all the components in place
Device Compact
Model
Θ
Θ
Θ
ΘSA
Θ
Θ
Θ
ΘCS
Θ
Θ
Θ
ΘJC
Θ
Θ
Θ
ΘJB
Ambient
Heat Sink
Case
Junction
Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com