Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 182 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 182 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 176Page - PMC-Sierra, Inc PM8621 Datasheet HTML 177Page - PMC-Sierra, Inc PM8621 Datasheet HTML 178Page - PMC-Sierra, Inc PM8621 Datasheet HTML 179Page - PMC-Sierra, Inc PM8621 Datasheet HTML 180Page - PMC-Sierra, Inc PM8621 Datasheet HTML 181Page - PMC-Sierra, Inc PM8621 Datasheet HTML 182Page - PMC-Sierra, Inc PM8621 Datasheet HTML 183Page - PMC-Sierra, Inc PM8621 Datasheet HTML 184Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 182 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
181
Document ID: PMC-2010850, Issue 1
Junction
Board
Ambient
Device
Compact
Model
Θ
Θ
Θ
ΘJT
Θ
Θ
Θ
ΘJB
In partial operation (less than 10 ports), this product is designed to operate over a
wide temperature range and is suited for industrial applications such as outside
plant equipment.
Maximum long-term operating junction temperature to ensure adequate long-term
life
105
0C
Maximum junction temperature for short-term excursions with guaranteed
continued functional performance
1
This condition will typically be reached when
local ambient reaches 85 Deg C.
125
0C
Minimum ambient temperature
-40
0C
Thermal Resistance vs Air Flow
2
Airflow
Natural Convection
200 LFM
400 LFM
ΘJA (
0C/W)
13.5
12.2
11.8
Device Compact Model
3
ΘJT (
0C/W)
# 1
ΘJB (
0C/W)
# 4
Operating power is dissipated in package (watts) at
worst case power supply
Power (watts)
2.56
Notes
1.
Short-term is understood as the definition stated in Telcordia Generic Requirements GR-63-Core
2.
ΘJA , the total junction to ambient thermal resistance as measured according to JEDEC Standard
JESD51 (2S2P)
3.
ΘJB, the junction-to-board thermal resistance and ΘJT, the residual junction to ambient thermal
resistance are obtained by simulating conditions described in JEDEC Standard, JESD 15-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com