Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 183 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 183 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 176Page - PMC-Sierra, Inc PM8621 Datasheet HTML 177Page - PMC-Sierra, Inc PM8621 Datasheet HTML 178Page - PMC-Sierra, Inc PM8621 Datasheet HTML 179Page - PMC-Sierra, Inc PM8621 Datasheet HTML 180Page - PMC-Sierra, Inc PM8621 Datasheet HTML 181Page - PMC-Sierra, Inc PM8621 Datasheet HTML 182Page - PMC-Sierra, Inc PM8621 Datasheet HTML 183Page - PMC-Sierra, Inc PM8621 Datasheet HTML 184Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 183 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
182
Document ID: PMC-2010850, Issue 1
19
Mechanical Information
The NSE-8G is packaged in a 480 UBGA package.
480 Pin UBGA –35 mm x 35 mm BODY - (B SUFFIX)
b
M
eee
f f f
C
CA B
M
20 18 16 14 12 10
8
6
4
2
22
24
26
28
32
34
30
19 17 15 13 11
9
75
3
21
23
25
27
29
31
33
1
BOTTOM VIEW
e
A
C
E
G
J
L
N
R
U
W
AA
AC
AE
AJ
AL
AG
AN
B
D
F
H
K
M
P
T
V
Y
AB
AD
AF
AK
AH
AM
AP
E1,N
A1 BALL
CORNER
e
S
S
A2
A
A1
SEATING PLANE
C
bbb C
ddd C
SIDE VIEW
A1 BALL
CORNER
A1 BALL ID
INK MARK
D
A
E
B
aaa 4X
TOP VIEW
PACKAGE TYPE : 480 THERMALLY ENHANCED BALL GRID ARRAY - UBGA
Dim.
A
A1
A2
D
D1
EE1
b
aaa bbb
Min.
0.40 0.92
0.50
Nom.
0.50 0.97 35.00 33.00 35.00 33.00
0.63
Max.
0.60 1.02
0.70
0.20
0.25
e
-
-
1.00
1.32
1.47
1.62
ddd
-
-
-
-
M,N
34x34
BODY SIZE : 35 x 35 x 1.47 MM
-
-
-
-
-
-
0.20
eee
-
-
0.30
f f f
-
-
0.10
-
-
-
-
-
-
S
-
-
0.05
BSC
BSC
BSC
BSC
BSC
NOTES: 1) ALL DIMENSIONS IN MILLIMETER.
2) DIMENSION aaa DENOTES PACKAGE BODY PROFILE.
3) DIMENSION bbb DENOTES PARALLEL.
4) DIMENSION ccc DENOTES FLATNESS.
5) DIMENSION ddd DENOTES COPLANARITY.
6) DIAMETER OF SOLDER MASK OPENING IS 0.45 +/- 0.025 MM (SMD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com