Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 176 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 176 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 172Page - PMC-Sierra, Inc PM8621 Datasheet HTML 173Page - PMC-Sierra, Inc PM8621 Datasheet HTML 174Page - PMC-Sierra, Inc PM8621 Datasheet HTML 175Page - PMC-Sierra, Inc PM8621 Datasheet HTML 176Page - PMC-Sierra, Inc PM8621 Datasheet HTML 177Page - PMC-Sierra, Inc PM8621 Datasheet HTML 178Page - PMC-Sierra, Inc PM8621 Datasheet HTML 179Page - PMC-Sierra, Inc PM8621 Datasheet HTML 180Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
175
Document ID: PMC-2010850, Issue 1
Table 18 Microprocessor Interface Write Access
Symbol
Parameter
Min
Max
Units
tSAW
Address to Valid Write Set-up Time
10
ns
tSDW
Data to Valid Write Set-up Time
20
ns
tSALW
Address to Latch Set-up Time
10
ns
tHALW
Address to Latch Hold Time
10
ns
tVL
Valid Latch Pulse Width
5
ns
tSLW
Latch to Write Set-up
0
ns
tHLW
Latch to Write Hold
5
ns
tHDW
Data to Valid Write Hold Time
5
ns
tHAW
Address to Valid Write Hold Time
5
ns
tVWR
Valid Write Pulse Width
40
ns
Figure 40 Microprocessor Interface Write Timing
VALID
tHdw
tSdw
tVwr
tVwr
tSlw
tHalw
tVl
tSalw
tVl
tHaw
tSaw
A[11:0]
ALE
CSB+WRB)
D[31:0]
Notes on Microprocessor Interface Write Timing:
1.
A valid write cycle is defined as a logical OR of the CSB and the WRB signals.
2.
In non-multiplexed address/data bus architectures, ALE should be held high so parameters tSALW,
tHALW, tVL, tSLW, and tHLW are not applicable.
3.
Parameter tHAW is not applicable if address latching is used.
4.
When a set-up time is specified between an input and a clock, the set-up time is the time in
nanoseconds from the 1.4 V point of the input to the 1.4 V point of the clock.
5.
When a hold time is specified between an input and a clock, the hold time is the time in nanoseconds
from the 1.4 V point of the input to the 1.4 V point of the clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com