Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 173 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 173 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 169Page - PMC-Sierra, Inc PM8621 Datasheet HTML 170Page - PMC-Sierra, Inc PM8621 Datasheet HTML 171Page - PMC-Sierra, Inc PM8621 Datasheet HTML 172Page - PMC-Sierra, Inc PM8621 Datasheet HTML 173Page - PMC-Sierra, Inc PM8621 Datasheet HTML 174Page - PMC-Sierra, Inc PM8621 Datasheet HTML 175Page - PMC-Sierra, Inc PM8621 Datasheet HTML 176Page - PMC-Sierra, Inc PM8621 Datasheet HTML 177Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
172
Document ID: PMC-2010850, Issue 1
Symbol
Parameter
Min
Typ
Max
Units
Conditions
CIO
Bi-directional
Capacitance
5PF
tA=25°C, f = 1 MHz
IDDOP1
Operating
Current
TBD
MA
VDD = 3.3V, Outputs
Unloaded
VICM
LVDS Input
Common-Mode
Range
02.4
V
|VIDM|
LVDS Input
Differential
Sensitivity
100
mV
RIN
LVDS Differential
Input Impedance
85
100
115
Ω
VLOH
LVDS Output
Voltage high
1375
1475
mV
RLOAD=100Ω ±1%
VLOL
LVDS Output
Voltage low
925
1025
mV
RLOAD=100Ω ±1%
VODM
LVDS Output
Differential Voltage
300
350
400
mV
RLOAD=100Ω ±1%
VOCM
LVDS Output
Common-Mode
Voltage
1125
1200
1275
mV
RLOAD=100Ω ±1%
RO
LVDS Output
Impedance,
Differential
85
110
115
Ω
| VODM|
Change in |VODM|
between “0” and “1”
25
mV
RLOAD=100Ω ±1%
VOCM
Change in VOCM
between “0” and “1”
25
mV
RLOAD=100Ω ±1%
ISP, ISN
LVDS Short-Circuit
Output Current
10
mA
Drivers shorted to ground
ISPN
LVDS Short-Circuit
Output Current
10
mA
Drivers shorted together
Notes on D.C. Characteristics:
1.
Input pin or bi-directional pin with internal pull-up resistor.
2.
Input pin or bi-directional pin without internal pull-up resistor
3.
Negative currents flow into the device (sinking), positive currents flow out of the device (sourcing).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com