Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 174 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 174 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 170Page - PMC-Sierra, Inc PM8621 Datasheet HTML 171Page - PMC-Sierra, Inc PM8621 Datasheet HTML 172Page - PMC-Sierra, Inc PM8621 Datasheet HTML 173Page - PMC-Sierra, Inc PM8621 Datasheet HTML 174Page - PMC-Sierra, Inc PM8621 Datasheet HTML 175Page - PMC-Sierra, Inc PM8621 Datasheet HTML 176Page - PMC-Sierra, Inc PM8621 Datasheet HTML 177Page - PMC-Sierra, Inc PM8621 Datasheet HTML 178Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
173
Document ID: PMC-2010850, Issue 1
16
Microprocessor Interface Timing Characteristics
(TC = -40°C to +85°C, VDDO= 3.3V ± 5%)
Table 17 Microprocessor Interface Read Access
Symbol
Parameter
Min
Max
Units
tSAR
Address to Valid Read Set-up Time
10
ns
tHAR
Address to Valid Read Hold Time
5
ns
tSALR
Address to Latch Set-up Time
10
ns
tHALR
Address to Latch Hold Time
10
ns
tVL
Valid Latch Pulse Width
5
ns
tSLR
Latch to Read Set-up
0
ns
tHLR
Latch to Read Hold
5
ns
tPRD
Valid Read to Valid Data Propagation Delay
30
ns
tZRD
Valid Read Negated to Output Tri-state
20
ns
tZINTH
Valid Read Negated to INTB High
50
ns
Figure 39 Microprocessor Interface Read Timing
VALID
tZrd
tPrd
tZinth
tHlr
tSlr
tHalr
tVl
tSalr
tVl
tHar
tSar
A[11:0]
ALE
CSB+RDB)
INTB
D[31:0]
Notes on Microprocessor Interface Read Timing:
1.
Output propagation delay time is the time in nanoseconds from the 1.4 V point of the reference signal to
the 1.4 V point of the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com