Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 171 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 171 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 167Page - PMC-Sierra, Inc PM8621 Datasheet HTML 168Page - PMC-Sierra, Inc PM8621 Datasheet HTML 169Page - PMC-Sierra, Inc PM8621 Datasheet HTML 170Page - PMC-Sierra, Inc PM8621 Datasheet HTML 171Page - PMC-Sierra, Inc PM8621 Datasheet HTML 172Page - PMC-Sierra, Inc PM8621 Datasheet HTML 173Page - PMC-Sierra, Inc PM8621 Datasheet HTML 174Page - PMC-Sierra, Inc PM8621 Datasheet HTML 175Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
170
Document ID: PMC-2010850, Issue 1
14
Absolute Maximum Ratings
Maximum rating are the worst case limits that the device can withstand without sustaining
permanent damage. They are not indicative of normal mode operation conditions.
Table 15 Absolute Maximum Ratings
Ambient Temperature under Bias
-40°C to +85°C
Storage Temperature
-40°C to +125°C
1.8V Supply Voltage (VDDI, AVDL)
-0.3V to +4.6V
3.3V Supply Voltage (VDDO, AVDH,
CSU_AVDH)
-0.3 to +4.6V
Input pad tolerance
-2V < VDDO < +2V for 10ns, 100mA max
Output pad overshoot limits
-2V < VDDO < +2V for 10ns, 20mA max
Voltage on Any Digital Pin
-0.3V to VDDO+0.3V
Voltage on LVDS Pin
-0.3 V to AVDH + 0.3V
Static Discharge Voltage
±1000 V
Latch-Up Current on RN[I], RP[I], TN[I],
TP[I] pins
±90 mA
Latch-Up Current on RESK pin
±50 mA
Latch-Up Current
±100 mA except RN[I], RP[I], TN[I], TP[I], and
RESK
DC Input Current
±20 mA
Lead Temperature
+300°C
Absolute Maximum Junction Temperature
+150°C
Notes on Power Supplies
1.
When powering up the NSE, the following power supply sequence should be observed
VDDO, AVDH, CSU_AVDH
VDDI, AVDL
Powering down should be the reverse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com