Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 145 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 145 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 141Page - PMC-Sierra, Inc PM8621 Datasheet HTML 142Page - PMC-Sierra, Inc PM8621 Datasheet HTML 143Page - PMC-Sierra, Inc PM8621 Datasheet HTML 144Page - PMC-Sierra, Inc PM8621 Datasheet HTML 145Page - PMC-Sierra, Inc PM8621 Datasheet HTML 146Page - PMC-Sierra, Inc PM8621 Datasheet HTML 147Page - PMC-Sierra, Inc PM8621 Datasheet HTML 148Page - PMC-Sierra, Inc PM8621 Datasheet HTML 149Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
144
Document ID: PMC-2010850, Issue 1
If some links are switching DS0 traffic (“1 in 48” frame mode) and some are not (“1 in 4” frame
mode), the input RC1FP and the qualifying signal from the DCB (from mf_swap), will be running
at “1 in 48” frame mode. The links in “1 in 48” frame mode should use the unexpected interrupt
while the others should use the missing interrupt.
If a link no longer has any C1 activity, the firmware should assume the link has lost alignment,
and should force R8TD OCA for the port.
These instructions assume the PMC NSE-8G Device driver is not being used. If the supplied
driver is being used, this will all be handled within that driver.
12.6
DS0 Cross-Bar Switch (DCB) Operation
While the DCB is the Space Switch central to the NSE-8G it also contains the DCB C1 Delay
Register. This register must be programmed with the delay (in 77.76 MHz clock cycles) between
RC1FP (RC1DLY) and the expected arrival time in the R8TD SIPO of the C1 character. This
value is expected to be in the order of 51 clock cycles + 9720 or +1080 for SBI mode or
TeleCombus mode respectively. The 51 value is approximate and very dependant on the system
architecture and transmission line lengths between the SBS and NSE-8G components. This must
be obtained empirically by the system designer during product commissioning.
Figure 25 Architecture of the RAM Input Interface
C
D
160
160
offcfg[159:0]
B
160
160
5
160
160
5
oncfg[159:0]
30
F
..
.
E
30
pgNdin[159:0]
CFGO[29:0]
12.6.1 Configuring the DCB using Port Transfer Mode
In port transfer mode, the microprocessor updates only one configuration entry within a word of
offline connection memory page. The steps to perform a port transfer are shown in the following
example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com