Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 34 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 34 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 30Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 31Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 32Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 33Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 34Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 35Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 36Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 37Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 38Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 552 page
background image
3 General Safety Precautions and Usage Considerations
3-12
(2) If lead insertion hole intervals on the printed circuit board do not precisely match the lead pitch of the
device, do not attempt to forcibly insert devices by pressing on them or by pulling on their leads.
(3) For the minimum clearance specification between a device and a printed
circuit board, refer to the relevant device’s datasheet and databook. If
necessary, achieve the required clearance by forming the device’s leads
appropriately. Do not use the spacers which are used to raise devices above
the surface of the printed circuit board during soldering to achieve clearance.
These spacers normally continue to expand due to heat, even after the solder
has begun to solidify; this applies severe stress to the device.
(4) Observe the following precautions when forming the leads of a device prior to mounting.
• Use a tool or jig to secure the lead at its base (where the lead meets the device package) while bending so as
to avoid mechanical stress to the device. Also avoid bending or stretching device leads repeatedly.
• Be careful not to damage the lead during lead forming.
• Follow any other precautions described in the individual datasheets and databooks for each device and
package type.
3.5.2
Socket mounting
(1) When socket mounting devices on a printed circuit board, use sockets which match the inserted device’s
package.
(2) Use sockets whose contacts have the appropriate contact pressure. If the contact pressure is insufficient, the
socket may not make a perfect contact when the device is repeatedly inserted and removed; if the pressure
is excessively high, the device leads may be bent or damaged when they are inserted into or removed from
the socket.
(3) When soldering sockets to the printed circuit board, use sockets whose construction prevents flux from
penetrating into the contacts or which allows flux to be completely cleaned off.
(4) Make sure the coating agent applied to the printed circuit board for moisture-proofing purposes does not
stick to the socket contacts.
(5) If the device leads are severely bent by a socket as it is inserted or removed and you wish to repair the leads
so as to continue using the device, make sure that this lead correction is only performed once. Do not use
devices whose leads have been corrected more than once.
(6) If the printed circuit board with the devices mounted on it will be subjected to vibration from external
sources, use sockets which have a strong contact pressure so as to prevent the sockets and devices from
vibrating relative to one another.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com