Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 68 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 68 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 64Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 65Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 66Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 67Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 68Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 69Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 70Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 71Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 72Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 552 page
background image
Chapter 3 Signals
3-14
3.3
Pin multiplex
The TX4937 has some multiplexed pins. Each pin is used for different functions depending on the settings
of the ADDR[18]/[9] boot configuration signal. Table 3.3.1 shows how to set the function for each pin.
Table 3.3.1 Pin multiplex
Function on pin-multiplex
Signal
ECC
PIO[15:8]
ACLC
ADDR[18]
H
L
*
Setting of Boot config. signal
(Note1) (Note2)
ADDR[9]
*
*
H
CB[7]
CB[7]
PIO[15]
CB[6]
CB[6]
PIO[14]
CB[5]
CB[5]
PIO[13]
CB[4]
CB[4]
PIO[12]
CB[3]
CB[3]
PIO[11]
CB[2]
CB[2]
PIO[10]
CB[1]
CB[1]
PIO[9]
CB[0]
CB[0]
PIO[8]
DMAREQ[3]
DMAACK[3]
DMAREQ[2]
ACRESET*
DMAACK[2]
SYNC
DMAREQ[1]
DMAACK[1]
DMAREQ[0]
DMAACK[0]
PIO[7]
PIO[6]
PIO[5]
PIO[4]
SDOUT
PIO[3]
SDIN[0]
Function of Each signal
(Note3) (Note4)
PIO[2]
BITCLK
Note 1: * shows that there is no relationship to the configuration of the corresponding function.
Note 2: One of ECC, PIO[15:8] can be selected (can't use simultaneously).
(Operation is not guaranteed when these functions that cannot be used simultaneously are set up)
Note 3: It shows that these terminals are multiplexed under each function.
Note 4: Blank shows that the terminal isn't multiplexed with the function.
For example, when only ACLC are selected, functions other than DMAREQ[2], DMAACK[2],
PIO[4], PIO[3], PIO[2] can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com