Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 26 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 22Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 23Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 24Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 25Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 26Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 27Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 28Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 29Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 552 page
background image
3 General Safety Precautions and Usage Considerations
3-4
3.2
Storage
3.2.1
General storage
• Avoid storage locations where devices will be exposed to moisture or direct sunlight.
• Follow the instructions printed on the device cartons regarding
transportation and storage.
• The storage area temperature should be kept within a temperature range
of 5°C to 35°C, and relative humidity should be maintained at between
45% and 75%.
• Do not store devices in the presence of harmful (especially corrosive)
gases, or in dusty conditions.
• Use storage areas where there is minimal temperature fluctuation. Rapid temperature changes can cause
moisture to form on stored devices, resulting in lead oxidation or corrosion. As a result, the solderability of
the leads will be degraded.
• When repacking devices, use anti-static containers.
• Do not allow external forces or loads to be applied to devices while they are in storage.
• If devices have been stored for more than two years, their electrical characteristics should be tested and their
leads should be tested for ease of soldering before they are used.
3.2.2
Moisture-proof packing
Moisture-proof packing should be handled with care. The handling procedure
specified for each packing type should be followed scrupulously. If the proper
procedures are not followed, the quality and reliability of devices may be degraded.
This section describes general precautions for handling moisture-proof packing. Since
the details may differ from device to device, refer also to the relevant individual
datasheets or databook.
(1) General precautions
Follow the instructions printed on the device cartons regarding transportation and storage.
• Do not drop or toss device packing. The laminated aluminum material in it can be rendered ineffective by
rough handling.
• The storage area temperature should be kept within a temperature range of 5°C to 30°C, and relative humidity
should be maintained at 90% (max). Use devices within 12 months of the date marked on the package seal.
Humidity:
Temperature:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com