Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 94 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 94 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 90Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 91Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 92Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 93Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 94Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 95Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 96Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 97Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 98Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 552 page
background image
Chapter 5 Configuration Registers
5-14
5.2.7
Register Address Mapping Register (RAMP)
0xE048
63
48
Reserved
: Type
: Initial value
47
32
Reserved
: Type
: Initial value
31
20
19
16
Reserved
RAMP[35:32]
R/W
: Type
0xF
: Initial value
15
0
RAMP[31:16]
R/W
: Type
0xFF1F
: Initial value
Bit
Mnemonic
Field Name
Description
Initial Value Read/Write
63:20
⎯
Reserved
⎯
⎯
⎯
19:0
RAMP[35:16]
Register
Address
Mapping
This is a base address register for the TX4937 built-in
registers. It holds the high-order 20 bits of a register address.
The default built-in register base address is 0xF_FF1F_0000.
Even after the content of the base address register is changed,
the default value can be used to reference the built-in
registers.
(Refer to "4.2 Register Mapping".)
0xF_FF1F
R/W
Figure 5.2.7 Register Address Mapping Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com