Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 98 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 98 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 94Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 95Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 96Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 97Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 98Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 99Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 100Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 101Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 102Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 552 page
background image
Chapter 6 Clocks
6-4
Table 6.1.2 Relationship Among Different Clock Frequencies (for TMPR4937XBG-300, CPUCLK = 266 MHz)
Master Clock (Input)
and Boot Configured
Settings
Internal Clock
External Clock (Output)
SYSCLK (MHz)
PCICLK[5:0] (MHz) †
Boot Configured Settings
PCIDIVMODE[2:0]
CCFG Settings
PCIDIVMODE[2:0]
MASTERCLK
(MHz)
Boot
Configured
Setting
ADDR[3:0]
CPUCLK
(MHz)
GBUSCLK
(MHz)
IMBUSCLK
(MHz)
SDCLK
[3:0]
(MHz)
HH
(1/1)
HL
(1/2)
LH
(1/3)
LL
(1/4)
LLH
(1/4)
LHH
(1/4.5)
HLH
(1/5)
HHH
(1/5.5)
LLL
(1/8)
LHL
(1/9)
HLL
(1/10)
HHL
(1/11)
133
HHHH (×2.0)
33.3
HLHH (×8.0)
133
66
133
133
66 44.3 33.3
106.4
HHHL (×2.5)
26.6
HLHL (×10.0)
106.4
53
106.4 106.4
53 35.5 26.6
88.7
HHLH (×3.0)
22.2
HLLH (×12.0)
88.7
44
88.7
88.7
44.3 29.6 22.2
66.5
HHLL (×4.0)
16.6
HLLL (×16.0)
66.5
33.2
66.5
66.5
33.3 22.2 16.6
59.1
LHHH (×4.5)
14.8
LLHH (×18.0)
266
59.1
29.6
59.1
59.1
29.6 19.7 14.8
66.5
59.1
53.2
48.4
33.3 29.6 26.6 24.2
† The CCFG.PCIDIVMODE[2:1] field is setting by the boot configuration ADDR[11:10].
Table 6.1.3 Relationship Among Different Clock Frequencies (for TMPR4937XBG-300, CPUCLK = 300 MHz)
Master Clock (Input)
and Boot Configured
Settings
Internal Clock
External Clock (Output)
SYSCLK (MHz)
PCICLK[5:0] (MHz) †
Boot Configured Settings
PCIDIVMODE[2:0]
CCFG Settings
PCIDIVMODE[2:0]
MASTERCLK
(MHz)
Boot
Configured
Setting
ADDR[3:0]
CPUCLK
(MHz)
GBUSCLK
(MHz)
IMBUSCLK
(MHz)
SDCLK
[3:0]
(MHz)
HH
(1/1)
HL
(1/2)
LH
(1/3)
LL
(1/4)
LLH
(1/4)
LHH
(1/4.5)
HLH
(1/5)
HHH
(1/5.5)
LLL
(1/8)
LHL
(1/9)
HLL
(1/10)
HHL
(1/11)
-
HHHH(x2.0)
-
HLHH(x8.0)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
120
HHHL (x2.5)
30
HLHL (x10.0)
120
60
120
120
60
40
30
100
HHLH (x3.0)
25
HLLH (x12.0)
100
50
100
100
50
33
25
75
HHLL (x4.0)
18
HLLL (x16.0)
75
37
75
75
37
25
18
66
LHHH(x4.5)
16
LLHH (x18.0)
300
66
33
66
66
33
22
16
75
66
60
54
37
33
30
27
† The CCFG.PCIDIVMODE[2:1] field is setting by the boot configuration ADDR[11:10].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com