Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 48 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 48 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 44Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 45Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 46Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 47Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 48Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 49Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 50Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 51Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 52Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 552 page
background image
Chapter 1 Overview and Features
1-2
1.2.1
Features of the TX49/H3 core
The TX49/H3 core is a high-performance, low power consumption 64-bit RISC CPU core that
Toshiba developed.
•
64-bit operation
•
32 64-bit integer general-purpose registers
•
64 GB physical address space
•
Optimized 5-stage pipeline
•
Instruction Set
Upwards compatible MIPS III ISA
Added 3-operand multiply instruction, MAC (multiply accumulate) instruction, and PREF (pre-
fetch) instruction
•
Supports 32 KB Instruction cache, 32 KB Data cache, 4-way set associative, and the lock function
•
MMU (Memory Management Unit)
48 double entry (odd/even) joint TLB
•
On-chip IEEE754-compatible single-precision and double-precision FPU
•
4-stage write buffer mounted
•
Debugging Support Unit: EJTAG
1.2.2
Features of TX4937 peripheral functions
(1) External Bus Controller (EBUSC)
The External Bus Controller generates the signals necessary to control external memory and
external I/O devices.
•
Has 8-channel Chip Select signal, can control up to 8 external devices
•
Supports access of ROM (mask ROM, page mode ROM, EPROM, EEPROM), SRAM, Flash
ROM, and I/O devices
•
Can set data bus width to 32 bits, 16 bits, or 8 bits for each channel
•
System clock for External Bus Controller (SYSCLK) frequency is up to 133 MHz (For
relationship between CPU clock and this system clock, see Section 6.1)
•
Can select full speed, 1/2 speed, 1/3 speed , or 1/4 speed for each channel
•
Can set timing for each channel
Can set up and set the Hold interval of the Address, Chip Enable, Write Enable, and Output
Enable signals
•
Supports access of devices with a 32-bit wide data bus in memory sizes from 1 MB to 1 GB.
Supports access of devices with a 16-bit wide data bus in memory sizes from 1 MB to 512
MB. Supports access of devices with an 8-bit wide data bus in memory sizes from 1 MB to
256 MB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com