Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 81 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 81 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 77Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 78Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 79Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 80Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 81Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 82Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 83Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 84Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 85Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 552 page
background image
Chapter 5 Configuration Registers
5-1
5.
Configuration Registers
5.1
Detailed Description
The configuration registers set up and control the basic functionality of the entire TX4937. Refer to
Section 5.2 for details of each configuration register. Also refer to sections mentioned in the description
about each bit field.
5.1.1
Detecting G-Bus Timeout
The G-bus is an internal bus of the TX4937. Access to each address on the G-Bus is completed upon
a bus response from the accessed address. If an attempt is made to access an undefined physical address
or if a hardware failure occurs, no bus response is made. If a bus response does not occur, the bus access
will not be completed, leading to a system halt. To solve this problem, the TX4937 is provided with a
G-Bus timeout detection function. This function forcibly stops bus access if no bus response occurs
within the specified time.
Setting the G-Bus Timeout Error Detection bit (CCFG.TOE) of the chip configuration register
enables the G-Bus timeout detection function. If a bus response does not occur within the G-Bus clock
(GBUSCLK) cycle specified in the G-Bus Timeout Time field (CCFG.GTOT), the G-Bus timeout
detection function makes an error response to force the bus access to end. The accessed address is
stored to the timeout error access address register (TOEA).
If a timeout error is detected while the TX49/H3 core, as the bus master, is gaining write access to the
G-Bus, the Write-Access Bus Error bit (CCFG.BEOW) is set. Enabling interrupt No. 1 in the interrupt
controller makes it possible to post an interrupt to the TX49/H3 core. If a timeout error is detected while
the TX49/H3 core is gaining read access to the bus, a bus error exception occurs in the TX49/H3 core.
If a timeout error is detected while another G-Bus master (the PCI controller or DMA controller) is
accessing the G-Bus, an error bit in that controller is set, which can be used to post an interrupt. Refer to
the descriptions of each controller for details.
If the TRST* signal is deasserted, it is assumed that an EJTAG probe is connected, so the G-Bus
timeout detection feature is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com