Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 87 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 87 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 83Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 84Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 85Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 86Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 87Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 88Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 89Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 90Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 91Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 552 page
background image
Chapter 5 Configuration Registers
5-7
5.2.3
Pin Configuration Register (PCFG)
0xE010
For the bit fields whose initial values are set by boot configuration (refer to Section 3.2), the initial
input signal level and the corresponding register value are indicated.
63
57
56
55
54
53
52
51
50
49
48
Reserved
DRVDATA
DRVCB DRVDQM DRVADDR DRVCKE DRVRAS DRVCAS DRVWE DRVCS[3]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Type
ADDR[4] ADDR[4] ADDR[4] ADDR[5] ADDR[5] ADDR[5] ADDR[5] ADDR[5] ADDR[5]
: Initial value
47
45
44
41
40
39
33
32
DRVCS[2:0]
DRVCK[3:0]
DRVCKIN
Reserved
BYPASSPLL
R/W
R/W
R/W
R
: Type
ADDR[5]
ADDR[5]
ADDR[5]
BYPASSPLL*
: Initial value
31
30
29
28
27
26
23
22
21
16
Reserved
SDCLKDLY SYSCLKEN
SDCLKEN[3:0]
SDCLKINEN
PCICLKEN[5:0]
R/W
R/W
R/W
R/W
R/W
: Type
00
1
1111
0
111111
: Initial value
15
10
9
8
7
0
Reserved
SEL2 SEL1
DMASEL3
DMASEL2
DMASEL1
DMASEL0
R
R
R/W
R/W
R/W
R/W
: Type
ADDR[9] ADDR[18]
00
00
00
00
: Initial value
Bit
Mnemonic
Field Name
Description
Initial Value Read/Write
63:57
⎯
Reserved
⎯
⎯
⎯
56
DRVDATA
DATA Signal
Control
Specifies the driving capability of the DATA[63:0] signals.
L : 0 = 8 mA
H : 1 = 16 mA
ADDR[4]
R/W
55
DRVCB
CB Signal
Control
Specifies the driving capability of the CB[7:0]* signals.
L : 0 = 8 mA
H : 1 = 16 mA
Note: CB[7:0}* share pins with PIO[15:8], E0TXD[3:0],
E0RXD[3:0].
The driving capability of these pins are below.
CB[7:0], E0TXD[3:0], E0RXD[3:0]: 8 mA or 16 mA
PIO[15:8]:
8 mA only
ADDR[4]
R/W
54
DRVDQM
DQM Signal
Control
Specifies the driving capability of the DQM[7:0]* signals.
L : 0 = 8 mA
H : 1 = 16 mA
ADDR[4]
R/W
53
DRVADDR
ADDR Signal
Control
Specifies the driving capability of the ADDR[19:0] signals.
L : 0 = 8 mA
H : 1 = 16 mA
ADDR[5]
R/W
52
DRVCKE
CKE Signal
Control
Specifies the driving capability of the CKE signal.
L : 0 = 8 mA
H : 1 = 16 mA
ADDR[5]
R/W
51
DRVRAS
RAS Signal
Control
Specifies the driving capability of the RAS* signal.
L : 0 = 8 mA
H : 1 = 16 mA
ADDR[5]
R/W
50
DRVCAS
CAS Signal
Control
Specifies the driving capability of the CAS* signal.
L : 0 = 8 mA
H : 1 = 16 mA
ADDR[5]
R/W
Figure 5.2.3 Pin Configuration Register (1/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com